Electronic Components Datasheet Search
  English  ▼

X  

TMUX6136PWR Datasheet(PDF) 13 Page - Texas Instruments

Part # TMUX6136PWR
Description  TMUX6136 ±16.5V, Low Capacitance, Low-Leakage-Current, Precision, Dual SPDT Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6136PWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX6136PWR Datasheet HTML 9Page - Texas Instruments TMUX6136PWR Datasheet HTML 10Page - Texas Instruments TMUX6136PWR Datasheet HTML 11Page - Texas Instruments TMUX6136PWR Datasheet HTML 12Page - Texas Instruments TMUX6136PWR Datasheet HTML 13Page - Texas Instruments TMUX6136PWR Datasheet HTML 14Page - Texas Instruments TMUX6136PWR Datasheet HTML 15Page - Texas Instruments TMUX6136PWR Datasheet HTML 16Page - Texas Instruments TMUX6136PWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
6.1.3 On-Leakage Current
On-leakage current is defined as the leakage current that flows into or out of the drain pin when the switch is
in the on state. The source pin is left floating during the measurement. Figure 6-3 shows the circuit used for
measuring the on-leakage current, denoted by ID(ON).
D
VD
S
A
ID (ON)
NC
NC = No Connection
Figure 6-3. On-Leakage Measurement Setup
6.1.4 Transition Time
Transition time is defined as the time taken by the output of the TMUX6136 to rise or fall to 90% of the transition
after the digital address signal has fallen or risen to 50% of the transition. Figure 6-4 shows the setup used to
measure transition time, denoted by the symbol tTRAN.
VDD
VDD
VSS
VSS
Output
300
35 pF
SEL
GND
VSEL
3 V
VSEL
0 V
50%
50%
tTRAN 1
tTRAN 2
0.1 VS
0.9 VS
Output
VS
VS
SA
SB
D
tr < 20 ns
tf < 20 ns
tTRAN = max ( tTRAN 1, tTRAN 2)
Figure 6-4. Transition-Time Measurement Setup
www.ti.com
TMUX6136
SCDS397B – NOVEMBER 2018 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUX6136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com