Electronic Components Datasheet Search
  English  ▼

X  

TMUX6136PWR Datasheet(PDF) 8 Page - Texas Instruments

Part # TMUX6136PWR
Description  TMUX6136 ±16.5V, Low Capacitance, Low-Leakage-Current, Precision, Dual SPDT Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6136PWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMUX6136PWR Datasheet HTML 4Page - Texas Instruments TMUX6136PWR Datasheet HTML 5Page - Texas Instruments TMUX6136PWR Datasheet HTML 6Page - Texas Instruments TMUX6136PWR Datasheet HTML 7Page - Texas Instruments TMUX6136PWR Datasheet HTML 8Page - Texas Instruments TMUX6136PWR Datasheet HTML 9Page - Texas Instruments TMUX6136PWR Datasheet HTML 10Page - Texas Instruments TMUX6136PWR Datasheet HTML 11Page - Texas Instruments TMUX6136PWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
5.8 Switching Characteristics (Single Supply: 12V)
at TA = 25°C, VDD = 12V, and VSS = 0V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tTRAN
Transition time
VS = 8V, RL = 300Ω , CL = 35pF
72
84
ns
VS = 8V, RL = 300Ω , CL = 35pF, TA = –40°C to +85°C
117
ns
VS = 8V, RL = 300Ω , CL = 35pF, TA = –40°C to +125°C
128
ns
tBBM
Break-before-make time delay
VS = 8V, RL = 300Ω , CL = 35pF, TA = –40°C to +125°C
20
40
ns
QJ
Charge injection
VS = 6V, RS = 0Ω , CL = 1nF
–0.7
pC
OISO
Off-isolation
RL = 50Ω , CL = 5pF, f = 1MHz
-85
dB
XTALK
Channel-to-channel crosstalk
RL = 50Ω , CL = 5pF, f = 1MHz (Inter-channel: S1x and
S2x)
–110
dB
RL = 50Ω , CL = 5pF, f = 1MHz (Intra-channel: SxA and
SxB)
–95
dB
IL
Insertion loss
RL = 50Ω , CL = 5pF, f = 1MHz
–13
dB
ACPSRR
AC Power Supply Rejection
Ratio
RL= 10kΩ , CL = 5pF, VPP= 0.62V, f= 1MHz
–58
dB
BW
-3dB Bandwidth
RL = 50Ω , CL = 5pF
650
MHz
CIN
Digital input capacitance
VIN = 0V or VDD
1.7
pF
CS(OFF)
Source off-capacitance
VS = 6V, f = 1MHz
2.6
3.7
pF
CS(ON),
CD(ON)
Source and drain on-
capacitance
VS = 6V, f = 1MHz
6.3
8.5
pF
TMUX6136
SCDS397B – NOVEMBER 2018 – REVISED AUGUST 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUX6136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com