Electronic Components Datasheet Search
  English  ▼

X  

TMUX9616 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMUX9616
Description  TMUX9616x 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX9616 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX9616 Datasheet HTML 17Page - Texas Instruments TMUX9616 Datasheet HTML 18Page - Texas Instruments TMUX9616 Datasheet HTML 19Page - Texas Instruments TMUX9616 Datasheet HTML 20Page - Texas Instruments TMUX9616 Datasheet HTML 21Page - Texas Instruments TMUX9616 Datasheet HTML 22Page - Texas Instruments TMUX9616 Datasheet HTML 23Page - Texas Instruments TMUX9616 Datasheet HTML 24Page - Texas Instruments TMUX9616 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
8.1 Application Information
The TMUX9616x is a 16-channel low harmonic distortion, low resistance, low capacitance, high-voltage analog
switch integrated circuit (IC) with latch-up immunity. Each device has 16 independently selectable 1:1, single-
pole, single-throw (SPST) switch channels. The device can support high voltage supplies and signals up to
±110V. It comes in popular, pin-to-pin (P2P) 48-pin QFP package for 16CH SPST multiplexers. This makes
TMUX9616x a great replacement in an existing design with fixed foot print, where improvement is needed on
harmonic distortion performance of the system. Also, TMUX9616x a great solution any time the application may
require a leaded package.
8.2 Typical Application
Figure 8-1 shows a multiplexer configuration that is found in a variety of ultrasound applications. Two TX7516
are used to provide 32 TX/RX channels, and 8x TMUX9616x are used to multiplex the 32 TX/RX channels to
128 piezoelectric (PZT) elements, making a 4:1 multiplexer configuration. An FPGA controls both the TX7516
and TMUX9616x using SPI.
PHV_A/B MHV_A/B
AVDD_P
AVDD_M
VDD_IO
SCLK_P
SCLK_M
SDATA_P_0
SDATA_M_0
SDATA_P_1
SENP
SENM
SDATA_M_1
TMUX9616
OUT_1
S1
S33
S65
S97
S2
S34
S66
S98
OUT_2
S3
S35
S67
S99
S32
S64
S96
S128
VDD
VLL
BF_SYNCP
BF_SYNCM
SDOUT
LMK62A2
200MHz
LMK00304
Bu er
VSYS_5V
VSYS_-5V
VSYS_1.8V
MHV(-100/-60V)
PHV(+100V/+60V)
PMHV(+110V)
GND
8x
FPGA
OUT_3
OUT_32
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D125
D126
D127
D128
128
PZT
TX7516
2x
VSYS_5V
VSS
MMHV(-110V)
Figure 8-1. TMUX9616x Application Schematic
www.ti.com
TMUX9616, TMUX9616N
SCDS436A – SEPTEMBER 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX9616 TMUX9616N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com