Electronic Components Datasheet Search
  English  ▼

X  

TMUX9616 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMUX9616
Description  TMUX9616x 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX9616 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMUX9616 Datasheet HTML 8Page - Texas Instruments TMUX9616 Datasheet HTML 9Page - Texas Instruments TMUX9616 Datasheet HTML 10Page - Texas Instruments TMUX9616 Datasheet HTML 11Page - Texas Instruments TMUX9616 Datasheet HTML 12Page - Texas Instruments TMUX9616 Datasheet HTML 13Page - Texas Instruments TMUX9616 Datasheet HTML 14Page - Texas Instruments TMUX9616 Datasheet HTML 15Page - Texas Instruments TMUX9616 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
5.9 Typical Characteristics
at TA = 25°C, VDD = 110 V, VSS = –110 V, and VLL = 3.3V (unless otherwise noted)
VDD (V)
20
30
40
50
60
70
80
90
100
110
7.5
10
12.5
15
17.5
20
22.5
25
27.5
30
32.5
35
VSS = -VDD
TA = -40C
TA = 25C
TA = 85C
TA = 125C
Figure 5-3. On-Resistance vs VDD/VSS Supply Voltage
Te mperature (
C)
20
30
40
50
60
70
80
90 100 110 120 130
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
VDD = +110V
VSS = -110V
VLL = 5.5V
VDD = +110V
VSS = -110V
VLL = 5.5V
IDDQ_OFF
IDDQ_ON
ILLQ
ISSQ_OFF
ISSQ_ON
Figure 5-4. Supply Quiescent Current vs Temperature
Switching Frequency (kHz)
0
10
20
30
40
50
60
70
80
90
100
-4
-3
-2
-1
0
1
2
3
4
5
6
0
IDD: 0C
IDD: 25C
IDD: 85C
ISS: 0C
ISS: 25C
ISS: 85C
Figure 5-5. High Voltage Supply Current vs Switching
Frequency
VLL (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
TA = 25C
TA = 85C
TA = 125C
Figure 5-6. ILLQ vs VLL
Te mperature (
C)
-40
-20
0
20
40
60
80
100
120
140
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
TOFF
TON
Figure 5-7. Turn ON and Turn OFF Time vs Temperature
Frequency (MHz)
1
2
3
4 5 6 7 8 10
20
30 40 5060
60
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Figure 5-8. Large Signal Off Isolation vs Frequency
TMUX9616, TMUX9616N
SCDS436A – SEPTEMBER 2023 – REVISED DECEMBER 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX9616 TMUX9616N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com