Electronic Components Datasheet Search
  English  ▼

X  

TPA3136AD2 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPA3136AD2
Description  TPA3139D2 10-W Stereo, 3.5-V to 14.4-V, Low-Idle-Current, Inductor Free Class D Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3136AD2 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA3136AD2 Datasheet HTML 17Page - Texas Instruments TPA3136AD2 Datasheet HTML 18Page - Texas Instruments TPA3136AD2 Datasheet HTML 19Page - Texas Instruments TPA3136AD2 Datasheet HTML 20Page - Texas Instruments TPA3136AD2 Datasheet HTML 21Page - Texas Instruments TPA3136AD2 Datasheet HTML 22Page - Texas Instruments TPA3136AD2 Datasheet HTML 23Page - Texas Instruments TPA3136AD2 Datasheet HTML 24Page - Texas Instruments TPA3136AD2 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
7.4.2 MODE_SEL = HIGH: Low-Idle-Current 1SPW Modulation
The 1SPW mode alters the normal modulation scheme in order to achieve higher efficiency with a slight penalty
in THD degradation and more attention required in the output filter selection. In 1SPW mode, the outputs
operate at ~15% modulation during idle conditions. When an audio signal is applied, one output decreases and
the other output increases. The decreasing output signal rails to GND. At which point, all the audio modulation
takes place through the rising output. The result is that only one output is switching during a majority of the audio
cycle. Efficiency is improved in this mode due to the reduction of switching losses.
OUTP
OUTN
OUTP
-OUTN
Speaker
Current
OUTP
OUTN
OUTP
-OUTN
Speaker
Current
OUTP
OUTN
OUTP
-OUTN
Speaker
Current
0 V
0 V
PVCC
No Output
Positive Output
Negative Output
0 A
0 A
0 V
-PVCC
Figure 7-3. Low-Idle-Current 1SPW Modulation
www.ti.com
TPA3139D2
SLOS810A – OCTOBER 2019 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPA3139D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com