Electronic Components Datasheet Search
  English  ▼

X  

TPA3136AD2 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPA3136AD2
Description  TPA3139D2 10-W Stereo, 3.5-V to 14.4-V, Low-Idle-Current, Inductor Free Class D Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3136AD2 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA3136AD2 Datasheet HTML 9Page - Texas Instruments TPA3136AD2 Datasheet HTML 10Page - Texas Instruments TPA3136AD2 Datasheet HTML 11Page - Texas Instruments TPA3136AD2 Datasheet HTML 12Page - Texas Instruments TPA3136AD2 Datasheet HTML 13Page - Texas Instruments TPA3136AD2 Datasheet HTML 14Page - Texas Instruments TPA3136AD2 Datasheet HTML 15Page - Texas Instruments TPA3136AD2 Datasheet HTML 16Page - Texas Instruments TPA3136AD2 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
6.7.2 Paralleled Bridge -Tied Load (PBTL)
All measurements taken at audio frequency = 1 kHz, closed-loop gain = 20 dB, BD Modulation, 10 µH + 0.68 µF,
TA = 25°C, AES17 measurement filter, unless otherwise noted.
Supply Voltage (V)
8
9
10
11
12
13
14
15
0
2
4
6
8
10
12
14
16
18
20
THD+N = 1 %
THD+N = 10 %
A.
Load = 8 Ω
Figure 6-24. Output Power vs Supply Voltage, 8 Ω
Supply Voltage (V)
8
9
10
11
12
13
14
15
0
4
8
12
16
20
24
28
32
THD+N = 1 %
THD+N = 10 %
A.
Load = 4 Ω
Figure 6-25. Output Power vs Supply Voltage, 4 Ω
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
2
4
6
8
12
14
16
18
D014
PVCC = 8 V
PVCC = 12 V
A.
Load = 8 Ω
Figure 6-26. Efficiency vs Output Power, 8 Ω
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
2
4
6
8
12
14
16
18
D013
D013
PVCC = 8 V
PVCC = 12 V
A.
Load = 4 Ω
Figure 6-27. Efficiency vs Output Power, 4 Ω
www.ti.com
TPA3139D2
SLOS810A – OCTOBER 2019 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPA3139D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com