Electronic Components Datasheet Search
  English  ▼

X  

TPA3136AD2 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPA3136AD2
Description  TPA3139D2 10-W Stereo, 3.5-V to 14.4-V, Low-Idle-Current, Inductor Free Class D Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3136AD2 Datasheet(HTML) 4 Page - Texas Instruments

  TPA3136AD2 Datasheet HTML 1Page - Texas Instruments TPA3136AD2 Datasheet HTML 2Page - Texas Instruments TPA3136AD2 Datasheet HTML 3Page - Texas Instruments TPA3136AD2 Datasheet HTML 4Page - Texas Instruments TPA3136AD2 Datasheet HTML 5Page - Texas Instruments TPA3136AD2 Datasheet HTML 6Page - Texas Instruments TPA3136AD2 Datasheet HTML 7Page - Texas Instruments TPA3136AD2 Datasheet HTML 8Page - Texas Instruments TPA3136AD2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
PIN
I/O/P(1)
DESCRIPTION
NAME
NO.
AGND
10
P
Analog signal ground.
GVDD
11
O
FET gate drive supply. Nominal voltage is 5 V.
PLIMIT
12
I
Power limiter level control. Connect a resistor divider from GVDD to GND to set power limit. Connect
directly to GVDD for no power limit.
RINN
13
I
Negative audio input for right channel. Biased at 2.5 V.
RINP
14
I
Positive audio input for right channel. Biased at 2.5 V.
MUTE
15
I
Mute signal for fast disable/enable of outputs (HIGH = outputs Hi-Z, LOW = outputs enabled). TTL
logic levels with compliance to AVCC.
PVCCR
16
P
Power supply for right channel H-bridge. Right channel and left channel power supply inputs are
connected internally.
BSPR
17
P
Bootstrap supply (BST) for positive high-side FET of the right channel.
OUTPR
18
O
Class-D H-bridge positive output for right channel.
PGND
19
P
Power ground for the H-bridges.
OUTNR
20
O
Class-D H-bridge negative output for right channel.
BSNR
21
P
Bootstrap supply (BST) for negative high-side FET of the right channel.
BSNL
22
P
Bootstrap supply (BST) for negative high-side FET of the left channel.
OUTNL
23
O
Class-D H-bridge negative output for left channel.
PGND
24
P
Power ground for the H-bridges.
Thermal Pad
P
Connect to GND for best thermal and electrical performance
(1)
I = Input, O = Output, IO = Input and Output, P = Power
TPA3139D2
SLOS810A – OCTOBER 2019 – REVISED AUGUST 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPA3139D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com