Electronic Components Datasheet Search
  English  ▼

X  

TPS2000C Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS2000C
Description  TPS20xxC and TPS20xxC-2 Current Limited, Power-Distribution Switches
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2000C Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS2000C Datasheet HTML 15Page - Texas Instruments TPS2000C Datasheet HTML 16Page - Texas Instruments TPS2000C Datasheet HTML 17Page - Texas Instruments TPS2000C Datasheet HTML 18Page - Texas Instruments TPS2000C Datasheet HTML 19Page - Texas Instruments TPS2000C Datasheet HTML 20Page - Texas Instruments TPS2000C Datasheet HTML 21Page - Texas Instruments TPS2000C Datasheet HTML 22Page - Texas Instruments TPS2000C Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
−100u
0
100u
200u
300u
400u
500u
600u
−1
0
1
2
3
4
5
6
VOUT
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
2.5
Time (s)
IOUT
VIN = 5 V, COUT = 0 µF,
RLOAD = 50 mΩ, TPS2065C
G007
−5m −4m −3m −2m −1m
0
1m
2m
3m
4m
5m
−1
0
1
2
3
4
5
6
7
8
9
Output Voltage
FLT
EN, VIN
−0.50
−0.25
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Time (s)
Output Current
VIN = 5 V, COUT = 150 µF, RLOAD = 7.5Ω, TPS2065C
G008
−1u
0
1u
2u
3u
4u
−3
−2
−1
0
1
2
3
4
5
6
7
8
9
10
Input Voltage
Output Voltage
0
2
4
6
8
10
12
14
16
18
20
22
24
26
Time (s)
Output Current
VIN = 5 V, COUT = 0 µF, TPS2065C
G005
VIN = 5 V, COUT = 0 µF, RLOAD = 50 mΩ, TPS2065C
−1u
0
1u
2u
3u
4u
−1
0
1
2
3
4
5
6
−5
0
5
10
15
20
25
30
Time (s)
IOUT
VOUT
G006
−2m
0
2m
4m
6m
8m
10m 12m 14m 16m 18m
−1
0
1
2
3
4
5
6
7
8
9
Output Voltage
FLT
EN
−0.50
−0.25
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Time (s)
Output Current
VIN = 5 V, COUT = 150 µF, RLOAD = 0 Ω, TPS2065C
G003
Output Voltage
−2.5m
2.5m
7.5m
12.5m
17.5m
22.5m25m
−1
0
1
2
3
4
5
6
7
8
9
FLT
EN
−0.50
−0.25
0.00
0.25
0.50
0.75
1.00
1.20
1.50
1.80
2.00
Time (s)
Output Current
VIN = 5 V,COUT = 150 µF, RLOAD = 50 mΩ, TPS2065C
G004
19
TPS2000C, TPS2001C, TPS2041C, TPS2051C, TPS2061C
TPS2065C, TPS2065C-2, TPS2068C, TPS2069C, TPS2069C-2
www.ti.com
SLVSAU6H – JUNE 2011 – REVISED APRIL 2016
Product Folder Links: TPS2000C TPS2001C TPS2041C TPS2051C TPS2061C TPS2065C TPS2065C-2 TPS2068C
TPS2069C TPS2069C-2
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Application (continued)
Figure 26. TPS2065C Enable into Output Short
Figure 27. TPS2065C Pulsed Short Applied
Figure 28. TPS2065C Short Applied
Figure 29. TPS2065C Pulsed 1.45-A Load
Figure 30. TPS2065C 50-m
Ω Short Circuit
Figure 31. TPS2065C Power Up – Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com