Electronic Components Datasheet Search
  English  ▼

X  

TPS35 Datasheet(PDF) 27 Page - Texas Instruments

Part # TPS35
Description  TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS35 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPS35 Datasheet HTML 23Page - Texas Instruments TPS35 Datasheet HTML 24Page - Texas Instruments TPS35 Datasheet HTML 25Page - Texas Instruments TPS35 Datasheet HTML 26Page - Texas Instruments TPS35 Datasheet HTML 27Page - Texas Instruments TPS35 Datasheet HTML 28Page - Texas Instruments TPS35 Datasheet HTML 29Page - Texas Instruments TPS35 Datasheet HTML 30Page - Texas Instruments TPS35 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The following sections describe in detail proper device implementation, depending on the final application
requirements.
8.1.1 CRST Delay
The TPS35-Q1 features two options for setting the reset delay (tD): using a fixed timing and programming the
timing through an external capacitor.
8.1.1.1 Factory-Programmed watchdog Timing
Fixed watchdog timings are available using pinout C and D. Using these timings enables a high-precision, 10%
accurate watchdog timer tWD.
8.1.1.2 Adjustable Capacitor Timing
The TPS35-Q1 also offers programmable reset delay option when using pinout A and B. The TPS35-Q1 can be
programmed to have a desired reset delay by connecting a capacitor between CRST pin and GND. The typical
delay time resulting from a given external capacitance on the CRST pin can be calculated by Equation 3 , where
tD is the reset delay time in seconds and CCRST is the capacitance in farads.
tD (sec) = 4.95 × 106 × CCRST (F)
(3)
To minimize the difference between the calculated reset delay time and the actual reset delay time, use a use
a high-quality ceramic dielectric COG capacitor and minimize parasitic board capacitance around this pin. Table
8-1 lists the reset delay time ideal capacitor values for CCRST.
Table 8-1. Reset Delay Time for Common Ideal Capacitor Values
CCRST
RESET
DELAY TIME (tD)
UNIT
MIN (1)
TYP
MAX (1)
10nF
39.6
49.5
59.4
ms
100nF
396
495
594
ms
1μF
3960
4950
5940
ms
(1)
Minimum and maximum values are calculated using ideal capacitors.
8.1.2 Watchdog Timer Functionality
The TPS35-Q1 features two options for setting the watchdog timer (tWD ): using a fixed timing and programming
the timing through an external capacitor.
8.1.2.1 Factory-Programmed watchdog Timing
Fixed watchdog timings are available using pinout C and D. Using these timings enables a high-precision, 10%
accurate watchdog timer tWD.
8.1.2.2 Adjustable Capacitor Timings
Adjustable tWD timing is achievable by connecting a capacitor to the CWD pin. If this method is used, please
consult Equation 1 for calculating typical tWD values using ideal capacitors. Capacitor tolerances cause the
www.ti.com
TPS35-Q1
SLVSGE8B – NOVEMBER 2022 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TPS35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com