Electronic Components Datasheet Search
  English  ▼

X  

TPS35 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS35
Description  TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS35 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS35 Datasheet HTML 7Page - Texas Instruments TPS35 Datasheet HTML 8Page - Texas Instruments TPS35 Datasheet HTML 9Page - Texas Instruments TPS35 Datasheet HTML 10Page - Texas Instruments TPS35 Datasheet HTML 11Page - Texas Instruments TPS35 Datasheet HTML 12Page - Texas Instruments TPS35 Datasheet HTML 13Page - Texas Instruments TPS35 Datasheet HTML 14Page - Texas Instruments TPS35 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
6.7 Switching Characteristics
At 1.04V ≤ VDD ≤ 6V, MR = Open, RESET pull-up resistor (Rpull-up) = 100kΩ to VDD, WDO pull-up resistor (Rpull-up) = 100kΩ
to VDD, output RESET / WDO load (CLOAD) = 10pF and over operating free-air temperature range –40℃ to 125℃, unless
otherwise noted. VDD ramp rate ≤ 1V/µs. Typical values are at TA = 25℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSTRT
Startup delay(2)
500
µs
tP_HL
RESET detect delay for VDD falling below
VIT–
VDD: (VIT+ + 10%) to (VIT– – 10%)
(1)
30
50
µs
tSD
Watchdog startup delay
Orderable part number TPS35xA,
TPS35xG
0
ms
Orderable part number TPS35xB,
TPS35xH
180
200
220
Orderable part number TPS35xC,
TPS35xI
450
500
550
Orderable part number TPS35xD,
TPS35xJ
0.9
1
1.1
s
Orderable part number TPS35xE,
TPS35xK
4.5
5
5.5
Orderable part number TPS35xF,
TPS35xL
9
10
11
tD
Reset time delay (3)
Orderable part number
TPS35xxxxxxB
1.6
2
2.4
ms
Orderable part number
TPS35xxxxxxC
9
10
11
ms
Orderable part number
TPS35xxxxxxD
22.5
25
27.5
ms
Orderable part number
TPS35xxxxxxE
45
50
55
ms
Orderable part number
TPS35xxxxxxF
90
100
110
ms
Orderable part number
TPS35xxxxxxG
180
200
220
ms
Orderable part number
TPS35xxxxxxH
0.9
1
1.1
s
Orderable part number
TPS35xxxxxxI
9
10
11
s
tWDO
Watchdog timeout delay
tD
s
t MR_RES
Propagation delay from MR low to reset
assertion
VDD ≥ VIT– + 0.2V,
MR = V MR_H to V MR_L
100
ns
t MR_tD
Delay from MR release to reset deassert
VDD = 3.3V,
MR = V MR_L to V MR_H
tD
s
(1)
tP_HL measured from threshold trip point (VIT–) to RESET assert. VIT+ = VIT– + VHYS
(2)
Specified by design parameter. When VDD starts from less than the specified minimum VDD and then exceeds VIT+, reset is
deasserted after the startup delay (tSTRT) + tD delay.
(3)
VDD voltage transitions from (VIT– - 10%) to (VIT– + 10%)
www.ti.com
TPS35-Q1
SLVSGE8B – NOVEMBER 2022 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TPS35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com