Electronic Components Datasheet Search
  English  ▼

X  

92.03 Datasheet(PDF) 5 Page - Finder Relays, Inc.

Part # 92.03
Description  Power relays 16 A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINDER [Finder Relays, Inc.]
Direct Link  https://www.findernet.com/en/uk
Logo FINDER - Finder Relays, Inc.

92.03 Datasheet(HTML) 5 Page - Finder Relays, Inc.

  92.03 Datasheet HTML 1Page - Finder Relays, Inc. 92.03 Datasheet HTML 2Page - Finder Relays, Inc. 92.03 Datasheet HTML 3Page - Finder Relays, Inc. 92.03 Datasheet HTML 4Page - Finder Relays, Inc. 92.03 Datasheet HTML 5Page - Finder Relays, Inc. 92.03 Datasheet HTML 6Page - Finder Relays, Inc. 92.03 Datasheet HTML 7Page - Finder Relays, Inc. 92.03 Datasheet HTML 8Page - Finder Relays, Inc. 92.03 Datasheet HTML 9Page - Finder Relays, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Example: 62 series power relay + Faston 250 (6.3x0.8 mm), rear flange mount, 2 NO (DPST-NO), 12 V DC coil.
Type
Coil version
A
B
C
D
62.22/23 AC-DC
0 - 4 0 - 3 - 5 - 6
0
0
62.32/33 AC-DC
0 - 4 0 - 3 - 5 - 6
0
0 - 6
AC-DC
0 - 4 0 - 5
2 -
4
0 - 6
AC
0 - 4 0
2 - 3 -
4 - 5
0 - 6
AC
0 - 4 0 - 3
3
0 - 6
AC
0 - 4 0
54
/
DC
0 - 4 0
4 - 6 - 7
0 - 6
DC
0 - 4 0 - 3
6
0 - 6
DC
0 - 4 0
74
/
62.31/32 DC
4
8
0
0
62.82/83 AC-DC
0 - 4 0 - 3 - 5 - 6
0
0 - 9
AC-DC
0 - 4 0 - 5
2 - 4
0
AC
0 - 4 0
2 - 3 - 4 - 5
0
AC
0 - 4 0 - 3
3
0
DC
0 - 4 0
4 - 6 - 7
0
DC
0 - 4 0 - 3
6
0
5
A: Contact material
0 = Standard AgCdO
4 = AgSnO2 (standard
for versions 4800)
B: Contact circuit
0 = CO (nPDT)
3 = NO (nPST),
≥
3 mm contact gap
5 = CO (nPDT) + additional
physical separator between
coil and contacts (for SELV
applications)
6 = NO (nPST), ≥ 3 mm contact
gap + additional physical
separator between coil and
contacts (for SELV
applications)
8 = NO (1 pole double break or
2 pole) with magnetic blow
Series
Type
2 = PCB
3 = Plug-in
8 = Faston 250 (6.3x0.8 mm)
with rear flange mount
No. of poles
1 = 1 pole (double break)
2 = 2 pole
3 = 3 pole
Coil version
8 = AC (50/60 Hz)
9 = DC
Coil voltage
See coil specifications
8
2
0
3
9
D: Special versions
0
= Standard
6
= Rear flange mount
9
= Type 62.82/83 without rear flange
mount
C: Options
0
= None
2
= Mechanical indicator
3
= LED (AC)
4
= Lockable test button +
mechanical indicator
5* = Lockable test button + LED (AC)
54* = Lockable test button + LED (AC) +
mechanical indicator
6* = LED + diode
(DC, polarity positive to pin A/A1)
7* = Lockable test button + LED + diode
(DC, polarity positive to pin A/A1)
74* = Lockable test button + LED + diode
(DC, polarity positive to pin A/A1) +
mechanical indicator
* Options not available for 220 V DC and
400 V AC versions.
0
0
Ordering information
A
B
C
D
..
.
.
0 1 2
6 2
Selecting features and options: only combinations in the same row are possible.
Preferred selections for best availability are shown in bold.
Lockable test button and mechanical flag indicator (0040, 0050, 0054, 0070, 0074)
The dual-purpose Finder test button can be used in two ways:
Case 1) The plastic pip (located directly above the test button) remains intact. In this case, when the
test button is pushed, the contacts operate. When the test button is released the contacts return to their
former state.
Case 2) The plastic pip is broken-off (using an appropriate cutting tool). In this case, (in addition to
the above function), when the test button is pushed and rotated, the contacts are latched in the
operating state, and remain so until the test button is rotated back to its former position.
In both cases ensure that the test button actuation is swift and decisive.
B: Contact circuit 5, 6
Additional physical separator
between coil and contacts
(for SELV applications)
B: Contact circuit 8
Magnetic blow
C: Option 3, 5, 54
LED (AC)
C: Option 6, 7, 74
LED + diode (DC, polarity
positive to pin A/A1)
Descriptions: Options and Special versions
1
2
3
O P
E A N
P A
TENT
A
62 Series - Power relays 16 A
62
SERIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com