Electronic Components Datasheet Search
  English  ▼

X  

92.03 Datasheet(PDF) 13 Page - Finder Relays, Inc.

Part # 92.03
Description  Power relays 16 A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINDER [Finder Relays, Inc.]
Direct Link  https://www.findernet.com/en/uk
Logo FINDER - Finder Relays, Inc.

92.03 Datasheet(HTML) 13 Page - Finder Relays, Inc.

Back Button 92.03 Datasheet HTML 6Page - Finder Relays, Inc. 92.03 Datasheet HTML 7Page - Finder Relays, Inc. 92.03 Datasheet HTML 8Page - Finder Relays, Inc. 92.03 Datasheet HTML 9Page - Finder Relays, Inc. 92.03 Datasheet HTML 10Page - Finder Relays, Inc. 92.03 Datasheet HTML 11Page - Finder Relays, Inc. 92.03 Datasheet HTML 12Page - Finder Relays, Inc. 92.03 Datasheet HTML 13Page - Finder Relays, Inc. 92.03 Datasheet HTML 14Page - Finder Relays, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Approvals
(according to type):
Approvals
(according to type):
PCB socket
92.13 (blue)
92.13.0 (black)
For relay type
62.31, 62.32, 62.33
Accessories
Metal retaining clip (supplied with socket - packaging code SMA)
092.54
Technical data
Rated values
10 A - 250 V
Dielectric strength
2.5 kV AC
Ambient temperature
°C –40…+70
Panel mount solder socket mounted with M3 screw
92.33 (blue)
For relay type
62.31, 62.32, 62.33
Accessories
Metal retaining clip (supplied with socket - packaging code SMA) 092.54
Technical data
Rated values
10 A - 250 V
Dielectric strength
2.5 kV AC
Ambient temperature
°C
–40…+70
62.3x plug on 92.13 is 63.3 mm high
How to code and identify retaining clip and packaging options for sockets.
Example:
0
3
.
9 2
Packaging code
A Standard packaging
Without retaining clip
SM Metal retaining clip
S M
A
0
3
.
9 2
92.13
92.33
A
92 Series - Sockets and accessories for 62 series relays
62
SERIES
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com