Electronic Components Datasheet Search
  English  ▼

X  

92.03 Datasheet(PDF) 1 Page - Finder Relays, Inc.

Part # 92.03
Description  Power relays 16 A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINDER [Finder Relays, Inc.]
Direct Link  https://www.findernet.com/en/uk
Logo FINDER - Finder Relays, Inc.

92.03 Datasheet(HTML) 1 Page - Finder Relays, Inc.

  92.03 Datasheet HTML 1Page - Finder Relays, Inc. 92.03 Datasheet HTML 2Page - Finder Relays, Inc. 92.03 Datasheet HTML 3Page - Finder Relays, Inc. 92.03 Datasheet HTML 4Page - Finder Relays, Inc. 92.03 Datasheet HTML 5Page - Finder Relays, Inc. 92.03 Datasheet HTML 6Page - Finder Relays, Inc. 92.03 Datasheet HTML 7Page - Finder Relays, Inc. 92.03 Datasheet HTML 8Page - Finder Relays, Inc. 92.03 Datasheet HTML 9Page - Finder Relays, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
A
62.22 / 62.23
62.22-0300 / 62.23-0300
2 CO (DPDT)
3 CO (3PDT)
2 NO (DPST-NO), ≥ 3 mm* 3 NO (3PST-NO), ≥ 3 mm*
16/30**
16/30**
250/400
250/400
4,000
4,000
750
750
0.8/—
0.8/1.5
0.8/—
0.8/1.5
16/0.6/0.4
16/1.1/0.7
1,000 (10/10)
1,000 (10/10)
AgCdO
AgCdO
6 - 12 - 24 - 48 - 60 - 110 - 120 - 230 - 240 - 400
6 - 12 - 24 - 48 - 60 - 110 - 125 - 220
2.2/1.3
3/3
(0.8…1.1)UN
(0.85…1.1)UN
(0.8…1.1)UN
(0.85…1.1)UN
0.8 UN/0.6 UN
0.8 UN/0.6 UN
0.2 UN/0.1 UN
0.2 UN/0.1 UN
10 · 10
6/30 · 106
10 · 10
6/30 · 106
100 · 10
3
100 · 10
3
11/4
15/3
6
6
1,500
2,500
–40…+70
–40…+50
RT I
RT I
•
2 & 3 pole changeover contact
•
PCB mount
•
2 & 3 pole normally open contact
(≥ 3 mm contact gap)
•
PCB mount
Contact specification
Contact configuration
Rated current/Maximum peak current
A
Rated voltage/Maximum switching voltage V AC
Rated load AC1
VA
Rated load AC15 (230 V AC)
VA
Motor rating (230/400 V AC)
kW
Breaking capacity DC1: 30/110/220 V
A
Minimum switching load
mW (V/mA)
Standard contact material
Coil specification
Nominal voltage (UN)
V AC (50/60 Hz)
V DC
Rated power AC/DC
VA (50 Hz)/W
Operating range
AC
DC
Holding voltage
AC/DC
Must drop-out voltage
AC/DC
Technical data
Mechanical life AC/DC
cycles
Electrical life at rated load AC1
cycles
Operate/release time
ms
Insulation between coil and contacts (1.2/50 μs) kV
Dielectric strength between open contacts V AC
Ambient temperature range
°C
Environmental protection
Approvals (according to type)
62.22
62.23
62.22 - 0300
62.23 - 0300
Copper side view
Copper side view
Copper side view
Copper side view
* Distance between contacts ≥ 3 mm
(EN 60730-1).
**With the AgSnO2 material the maximum
peak current is 120 A - 5 ms (NO contact).
FOR UL RATINGS SEE:
“General technical information” page V
For outline drawing see page 10
1
Features
Printed circuit mount
16 A Power relay
•
2 & 3 Pole changeover contacts or NO
(≥ 3 mm contact gap)
•
AC coils & DC coils
•
Reinforced insulation between coil and
contacts according to EN 60335-1, with
6 mm clearance & 8 mm creepage distance
•
SELV coil-contact separator option
•
Cadmium Free contact material options
62 Series - Power relays 16 A
62
SERIES


Similar Description - 92.03

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9EA-1 OMRON-G9EA-1 Datasheet
445Kb / 10P
DC Power Relays (60-A, 100-A Models)
G9EB-1 OMRON-G9EB-1 Datasheet
247Kb / 8P
DC Power Relays (25-A Models)
G9EC-1 OMRON-G9EC-1 Datasheet
421Kb / 10P
DC Power Relays (200-A Models)
logo
National Instruments Co...
PXI-2564 NI-PXI-2564 Datasheet
132Kb / 3P
16-Channel, 5 A SPST (Form A) Relays
logo
Schneider Electric
LR3D22 SCHNEIDER-LR3D22 Datasheet
181Kb / 3P
TeSys LRD thermal overload relays - 16...24 A - class 10A
Dec 24, 2020
LR3D226 SCHNEIDER-LR3D226 Datasheet
181Kb / 3P
TeSys LRD thermal overload relays - 16...24 A - class 10A
Dec 24, 2020
RPZF3 SCHNEIDER-RPZF3 Datasheet
150Kb / 4P
Harmony, Socket, for RPM3 power relays, 16 A screw clamp terminals, mixed contact
Aug 5, 2021
RPZF4 SCHNEIDER-RPZF4 Datasheet
148Kb / 4P
Harmony, Socket, for RPM4 power relays, 16 A screw clamp terminals, mixed contact
Aug 5, 2021
LR3D22 SCHNEIDER-LR3D22_V01 Datasheet
194Kb / 3P
TeSys Deca thermal overload relays - 16...24 A - class 10A
May 25, 2022
logo
List of Unclassifed Man...
41-SERIES ETC1-41-SERIES Datasheet
923Kb / 10P
Low profile PCB relays 8 - 12 - 16 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com