Electronic Components Datasheet Search
  English  ▼

X  

92.13 Datasheet(PDF) 7 Page - Finder Relays, Inc.

Part # 92.13
Description  Power relays 16 A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINDER [Finder Relays, Inc.]
Direct Link  https://www.findernet.com/en/uk
Logo FINDER - Finder Relays, Inc.

92.13 Datasheet(HTML) 7 Page - Finder Relays, Inc.

Back Button 92.13 Datasheet HTML 3Page - Finder Relays, Inc. 92.13 Datasheet HTML 4Page - Finder Relays, Inc. 92.13 Datasheet HTML 5Page - Finder Relays, Inc. 92.13 Datasheet HTML 6Page - Finder Relays, Inc. 92.13 Datasheet HTML 7Page - Finder Relays, Inc. 92.13 Datasheet HTML 8Page - Finder Relays, Inc. 92.13 Datasheet HTML 9Page - Finder Relays, Inc. 92.13 Datasheet HTML 10Page - Finder Relays, Inc. 92.13 Datasheet HTML 11Page - Finder Relays, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Contact specification
Voltage DC (V)
F 62 - Electrical life (AC) v contact current
H 62 - Maximum DC1 breaking capacity
Normally open contacts
Voltage DC (V)
H 62 - Maximum DC1 breaking capacity
Changeover contacts
• When switching a resistive load (DC1) having voltage and current values under the curve, an electrical life of ≥ 100·103 can be expected.
• In the case of DC13 loads, the connection of a diode in parallel with the load will permit a similar electrical life as for a DC1 load.
Note: the release time of the load will be increased.
contacts in series
contacts in series
20
60
100
140
180
220
0.1
1
10
(V)
260
50
20
60
100
140
180
220
260
0.1
1
10
50
(V)
Voltage DC (V)
H 62 - Maximum DC breaking capacity 62.31.9.xxx.4800
Voltage DC (V)
H 62 - Maximum DC breaking capacity 62.32.9.xxx.4800
• When switching a resistive load (DC1), or a DC13 load with a diode in parallel to the load, having voltage and current values under the DC1
curve, an electrical life of ≥ 100·10³ can be expected. Note: the release time for the load will be increased.
• When switching a DC13 load without a diode in parallel to the load, the DC13 curve applies and an electrical life of ≥ 80·10³ can be expected.
Resistive load - cos
ϕ = 1
Inductive load - cos
ϕ = 0.4
A
62 Series - Power relays 16 A
62
SERIES
DC1
DC13
L/R = 40 ms
DC1
DC13
L/R = 40 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com