Electronic Components Datasheet Search
  English  ▼

X  

92.13 Datasheet(PDF) 12 Page - Finder Relays, Inc.

Part # 92.13
Description  Power relays 16 A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINDER [Finder Relays, Inc.]
Direct Link  https://www.findernet.com/en/uk
Logo FINDER - Finder Relays, Inc.

92.13 Datasheet(HTML) 12 Page - Finder Relays, Inc.

Back Button 92.13 Datasheet HTML 6Page - Finder Relays, Inc. 92.13 Datasheet HTML 7Page - Finder Relays, Inc. 92.13 Datasheet HTML 8Page - Finder Relays, Inc. 92.13 Datasheet HTML 9Page - Finder Relays, Inc. 92.13 Datasheet HTML 10Page - Finder Relays, Inc. 92.13 Datasheet HTML 11Page - Finder Relays, Inc. 92.13 Datasheet HTML 12Page - Finder Relays, Inc. 92.13 Datasheet HTML 13Page - Finder Relays, Inc. 92.13 Datasheet HTML 14Page - Finder Relays, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
62
SERIES
92 Series - Sockets and accessories for 62 series relays
A
12
92.03
Approvals
(according to type):
Screw terminal (Box clamp) socket
92.03
92.03.0
panel or 35 mm rail (EN 60715) mount
Blue
Black
For relay type
62.31, 62.32, 62.33
Accessories
Metal retaining clip (supplied with socket - packaging code SMA)
092.71
Identification tag
092.00.2
Modules (see table below)
99.02
Timer modules (see table below)
86.00, 86.30
Technical data
Rated values
16 A - 250 V
Dielectric strength
6 kV (1.2/50 μs) between coil and contacts
Protection category
IP 20
Ambient temperature
°C –40…+70 (see diagram L92)
Screw torque
Nm 0.8
Wire strip length
mm 10
Max. wire size for 92.03 socket
solid wire
stranded wire
mm
2
1x10 / 2x4
1x6 / 2x4
AWG 1x8 / 2x12
1x10 / 2x12
DC Modules with
non-standard polarity
(+A2) on request.
99.02 coil indication and EMC suppression modules for 92.03 socket
Diode (+A1, standard polarity)
(6...220)V DC 99.02.3.000.00
LED
(6...24)V DC/AC 99.02.0.024.59
LED
(28...60)V DC/AC 99.02.0.060.59
LED
(110...240)V DC/AC 99.02.0.230.59
LED + Diode (+A1, standard polarity)
(6...24)V DC 99.02.9.024.99
LED + Diode (+A1, standard polarity)
(28...60)V DC 99.02.9.060.99
LED + Diode (+A1, standard polarity)
(110...220)V DC 99.02.9.220.99
LED + Varistor
(6...24)V DC/AC 99.02.0.024.98
LED + Varistor
(28...60)V DC/AC 99.02.0.060.98
LED + Varistor
(110...240)V DC/AC 99.02.0.230.98
RC circuit
(6...24)V DC/AC 99.02.0.024.09
RC circuit
(28...60)V DC/AC 99.02.0.060.09
RC circuit
(110...240)V DC/AC 99.02.0.230.09
Residual current by-pass
(110...240)V AC 99.02.8.230.07
86 series timer modules
Multi-voltage: (12…240)V AC/DC;
Multi-functions: AI, DI, SW, BE, CE, DE, EE, FE; (0.05s…100h)
86.00.0.240.0000
(12…24)V AC/DC; Bi-function: AI, DI; (0.05s…100h)
86.30.0.024.0000
(110...125)V AC; Bi-function: AI, DI; (0.05s…100h)
86.30.8.120.0000
(230...240)V AC; Bi-function: AI, DI; (0.05s…100h)
86.30.8.240.0000
Approvals
(according to type):
Approvals
(according to type):
86.00
99.02
86.30
L 92 - Rated current vs ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com