Electronic Components Datasheet Search
  English  ▼

X  

92.13 Datasheet(PDF) 9 Page - Finder Relays, Inc.

Part # 92.13
Description  Power relays 16 A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINDER [Finder Relays, Inc.]
Direct Link  https://www.findernet.com/en/uk
Logo FINDER - Finder Relays, Inc.

92.13 Datasheet(HTML) 9 Page - Finder Relays, Inc.

Back Button 92.13 Datasheet HTML 5Page - Finder Relays, Inc. 92.13 Datasheet HTML 6Page - Finder Relays, Inc. 92.13 Datasheet HTML 7Page - Finder Relays, Inc. 92.13 Datasheet HTML 8Page - Finder Relays, Inc. 92.13 Datasheet HTML 9Page - Finder Relays, Inc. 92.13 Datasheet HTML 10Page - Finder Relays, Inc. 92.13 Datasheet HTML 11Page - Finder Relays, Inc. 92.13 Datasheet HTML 12Page - Finder Relays, Inc. 92.13 Datasheet HTML 13Page - Finder Relays, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
A
62 Series - Power relays 16 A
62
SERIES
1 - Max. permitted coil voltage.
2 - Min. pick-up voltage with coil at ambient temperature.
1 - Max. permitted coil voltage.
2 - Min. pick-up voltage with coil at ambient temperature.
R 62 - DC coil operating range v ambient temperature
Normally open contacts
1 - Max. permitted coil voltage.
2 - Min. pick-up voltage with coil at ambient temperature.
R 62 - DC coil operating range v ambient temperature
Normally open contacts - magnetic blow version
R 62 - AC coil operating range v ambient temperature
Normally open contacts
Coil specifications
R 62 - DC coil operating range v ambient temperature
Changeover contacts
R 62 - AC coil operating range v ambient temperature
Changeover contacts
1 - Max. permitted coil voltage.
2 - Min. pick-up voltage with coil at ambient temperature.
1 - Max. permitted coil voltage.
2 - Min. pick-up voltage with coil at ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com