Electronic Components Datasheet Search
  English  ▼

X  

LD7523PS Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD7523PS
Description  Smart Green-Mode PWM Controller with Multiple Protections
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7523PS Datasheet(HTML) 2 Page - Leadtrend Technology

  LD7523PS Datasheet HTML 1Page - Leadtrend Technology LD7523PS Datasheet HTML 2Page - Leadtrend Technology LD7523PS Datasheet HTML 3Page - Leadtrend Technology LD7523PS Datasheet HTML 4Page - Leadtrend Technology LD7523PS Datasheet HTML 5Page - Leadtrend Technology LD7523PS Datasheet HTML 6Page - Leadtrend Technology LD7523PS Datasheet HTML 7Page - Leadtrend Technology LD7523PS Datasheet HTML 8Page - Leadtrend Technology LD7523PS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LD7523
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7523-DS-00
June 2009
Pin Configuration
SOP-8 & DIP-8(TOP VIEW)
1
8
2
3
4
7
6
5
TOP MAR K
YYWWPP
YY
: Year code (D: 2004, E: 2005… ..)
WW : Week code
##
: Production code
Ordering Information
Part number
Package
TOP MARK
Shipping
LD7523 GS
SOP-8
Green Package
LD7523GS
2500 /tape & reel
LD7523 GN
DIP-8
Green Package
LD7523GN
3600/tube /carton
The LD7523 is ROHS Complaint/ Green Package.
Pin Descriptions
PIN
NAME
FUNCTION
1
BNO
Brownout Protection Pin. Connect a resistor divider between this pin and bulk
capacitor voltage to set the brownout level and line compensation. When the
voltage of this pin fall below threshold voltage, the PWM output will be shut off.
2
COMP
Voltage feedback pin (same as the COMP pin in UC384X). Connect it with a
photo-coupler to close the control loop and achieve the regulation.
3
NC
NC
4
CS
Current sense pin, connect to sense the MOSFET current
5
GND
Ground
6
OUT
Gate drive output to drive the external MOSFET
7
VCC
Supply voltage pin
8
OVP
This pin is active-high to provide the OVP function.
Connecting a zener or a
resistor voltage divider to Vcc will set the OVP level.
Once the voltage rise
above 2.5V, the OVP will be tripped and the gate drive off.
Short this pin to
ground to disable the OVP function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com