Electronic Components Datasheet Search
  English  ▼

X  

LD7523PS Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD7523PS
Description  Smart Green-Mode PWM Controller with Multiple Protections
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7523PS Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD7523PS Datasheet HTML 9Page - Leadtrend Technology LD7523PS Datasheet HTML 10Page - Leadtrend Technology LD7523PS Datasheet HTML 11Page - Leadtrend Technology LD7523PS Datasheet HTML 12Page - Leadtrend Technology LD7523PS Datasheet HTML 13Page - Leadtrend Technology LD7523PS Datasheet HTML 14Page - Leadtrend Technology LD7523PS Datasheet HTML 15Page - Leadtrend Technology LD7523PS Datasheet HTML 16Page - Leadtrend Technology LD7523PS Datasheet HTML 17Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LD7523
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7523-DS-00
June 2009
Vpin1
Line
Compensation
1.30V
52mV
160mV
gain=0.04
150mV
3.75V
Linear Region
4.0V
Turn-Off
Region
Fig. 24
Over Load Protection (OLP)
To protect the circuit from damage under over load
condition or short condition, a smart OLP function is
implemented in the LD7523. Figure 25 shows the
waveforms of the OLP operation.
In such cases, the
feedback system will force the feedback voltage loop
toward the saturation and pull the voltage of COMP pin
(VCOMP) to high.
Once the VCOMP trips the OLP
threshold of 5.0V and stays for more than 60mS, the
protection will be activated and then turns off the gate
output to stop the switching of power circuit.
The 60mS
delay time is to prevent the false trigger from the power-on
and turn-off transient.
The Fig. 26 shows the other application example. The
VCC of LD7523 will be supplied by an auxiliary source
voltage (e.g. standby power) instead. Once the voltage of
COMP pin trips the OLP threshold voltage (5.0V) and
stays for more than 60mS, OUT pin will stop switching
soon. The VCC voltage will not descend since VCC is
supplied by an auxiliary voltage source. Otherwise, the
internal OLP de-latch counter will active and count for a
skipping duration (500mS). It is called as OLP SKIP
DURATION. The OUT pin will stop switching until the OLP
de-latch counter is reset and then resume to normal
switching.
By using such protection mechanism, the average input
power can be reduced to minimum level to control the
component temperature and stress within the safety
operation area.
VCC
UVLO(on)
UVLO(off)
T
T
COMP
Over Load
5V
T
OUT
OLP Delay Time
Switching
Switching
Non-Switching
OLP Delay Time
Over Load
Switching
OLP Delatch by UVLO(off)
Fig. 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com