Electronic Components Datasheet Search
  English  ▼

X  

LD7523PS Datasheet(PDF) 8 Page - Leadtrend Technology

Part # LD7523PS
Description  Smart Green-Mode PWM Controller with Multiple Protections
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7523PS Datasheet(HTML) 8 Page - Leadtrend Technology

Back Button LD7523PS Datasheet HTML 4Page - Leadtrend Technology LD7523PS Datasheet HTML 5Page - Leadtrend Technology LD7523PS Datasheet HTML 6Page - Leadtrend Technology LD7523PS Datasheet HTML 7Page - Leadtrend Technology LD7523PS Datasheet HTML 8Page - Leadtrend Technology LD7523PS Datasheet HTML 9Page - Leadtrend Technology LD7523PS Datasheet HTML 10Page - Leadtrend Technology LD7523PS Datasheet HTML 11Page - Leadtrend Technology LD7523PS Datasheet HTML 12Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LD7523
8
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7523-DS-00
June 2009
Fig. 7
Max Duty Cycle vs. Temperature
-40
0
40
80
120
60
Temperature (
°C)
65
70
75
80
85
Fig. 8
Vcs (off) vs. Temperature
-40
0
40
80
120
Temperature (
°C)
0.65
0.70
0.75
0.80
0.85
0.90
0.60
VLINE= 0V
VLINE=1.25V
VLINE=3.75V
Fig. 9 Startup Current vs. Temperature
-40
0
40
80
120
Temperature (
°C)
0
10
20
30
40
Temperature (
°C)
Fig. 10
OVP-Trip Level vs. Temperature
-40
0
40
80
120
2.45
2.50
2.55
2.60
2.40
Fig. 11
VCOMP open-loop voltage vs. Temperature
Temperature (
°C)
-40
0
40
80
120
5.0
5.2
5.4
5.6
5.8
6.0
Fig. 12
OLP-Trip Level vs. Temperature
Temperature (
°C)
-40
0
40
80
120
4.5
4.7
4.9
5.1
5.3
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com