Electronic Components Datasheet Search
  English  ▼

X  

TPS2552/3 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS2552/3
Description  TPS2559 Precision Adjustable Current-Limited Power-Distribution Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2552/3 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2552/3 Datasheet HTML 4Page - Texas Instruments TPS2552/3 Datasheet HTML 5Page - Texas Instruments TPS2552/3 Datasheet HTML 6Page - Texas Instruments TPS2552/3 Datasheet HTML 7Page - Texas Instruments TPS2552/3 Datasheet HTML 8Page - Texas Instruments TPS2552/3 Datasheet HTML 9Page - Texas Instruments TPS2552/3 Datasheet HTML 10Page - Texas Instruments TPS2552/3 Datasheet HTML 11Page - Texas Instruments TPS2552/3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
7.8 Typical Characteristics
2.0
2.1
2.2
2.3
2.4
2.5
±50
0
50
100
150
Junction Temperature (ƒC)
Rising
Falling
C001
Figure 7-5. Undervoltage Lockout (UVLO) vs Temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
±50
0
50
100
150
Junction Temperature (ƒC)
C002
VIN = 6.5 V
Figure 7-6. Supply Current, Output Disabled (IIN_OFF) vs
Temperature
0
20
40
60
80
100
120
±50
0
50
100
150
Junction Temperature (ƒC)
VIN=2.5 V
VIN=6.5 V
C003
V
IN = 2.5 V
V
IN = 6.5 V
R(ILIM) = 100 kΩ
Figure 7-7. Supply Current, Output Enabled (IIN_ON) vs
Temperature
0
20
40
60
80
100
120
140
±50
0
50
100
150
Junction Temperature (ƒC)
VIN=2.5 V
VIN=6.5 V
C004
V
IN = 2.5 V
V
IN = 6.5 V
R(ILIM) = 24.9 kΩ
Figure 7-8. Supply Current, Output Enabled (IIN_ON) vs
Temperature
±0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
±50
0
50
100
150
Junction Temperature (ƒC)
C005
VOUT = 6.5 V
Figure 7-9. Reverse Leakage Current (IREV) vs Temperature
8
10
12
14
16
18
±50
0
50
100
150
Junction Temperature (ƒC)
C006
VIN = 5 V
Figure 7-10. Input/Output Resistance (RDS(on)) vs Temperature
TPS2559
SLVSCL5A – JUNE 2014 – REVISED NOVEMBER 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS2559



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com