Electronic Components Datasheet Search
  English  ▼

X  

TPS2552/3 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS2552/3
Description  TPS2559 Precision Adjustable Current-Limited Power-Distribution Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2552/3 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS2552/3 Datasheet HTML 8Page - Texas Instruments TPS2552/3 Datasheet HTML 9Page - Texas Instruments TPS2552/3 Datasheet HTML 10Page - Texas Instruments TPS2552/3 Datasheet HTML 11Page - Texas Instruments TPS2552/3 Datasheet HTML 12Page - Texas Instruments TPS2552/3 Datasheet HTML 13Page - Texas Instruments TPS2552/3 Datasheet HTML 14Page - Texas Instruments TPS2552/3 Datasheet HTML 15Page - Texas Instruments TPS2552/3 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
The TPS2559 current limited power switch uses N-channel MOSFETs in applications requiring up to 5.5 A of
continuous load current. The device enters constant-current mode when the load exceeds the current limit
threshold.
The TPS2559 power switch is used to protect the up-stream power supply when the output is overloaded.
9.2 Typical Application
IN
GND
FAULT
Control
Signal
5 V
0.1PF
150µF
Fault
Signal
Power
Pad
VOUT
EN
OUT
10kŸ
ILIM
RILIM
*
TPS2559
5
2/ 3/4
10
6
7/ 8/9
1
Figure 9-1. Typical TPS2559 Power Switch
Use the IOS in the Electrical Characteristics table or IOS in Equation 1 to select the RILIM.
9.2.1 Design Requirements
Table 9-1 lists the input parameters for this design example.
Table 9-1. Design Requirements
DESIGN PARAMETERS
EXAMPLE VALUE
Input operation voltage
5 V
Rating current
3 A or 4.5 A
Minimum current limit
3 A
Maximum current limit
5 A
When choosing a power switch, there are several general steps:
1. Determine what is the power rail, 3.3 V or 5 V, and then choose the operation range of the power switch that
can cover the power rail voltage range.
2. Determine what is the normal operation current. For example, the maximum allowable current drawn by
portable equipment for a USB 2.0 port is 500 mA, so the normal operation current is 500 mA and the
minimum current limit of power switch must exceed 500 mA to avoid false trigger during normal operation.
3. Determine what is the maximum allowable current provided by up-stream power, and then decide the
maximum current limit of the power switch that must lower it to ensure the power switch can protect the up-
stream power when an overload is encountered at the output of the power switch.
TPS2559
SLVSCL5A – JUNE 2014 – REVISED NOVEMBER 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS2559



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com