Electronic Components Datasheet Search
  English  ▼

X  

ADPL12005 Datasheet(PDF) 11 Page - Analog Devices

Part # ADPL12005
Description  20V, 5A/6A Fully Integrated Synchronous Buck Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12005 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADPL12005 Datasheet HTML 7Page - Analog Devices ADPL12005 Datasheet HTML 8Page - Analog Devices ADPL12005 Datasheet HTML 9Page - Analog Devices ADPL12005 Datasheet HTML 10Page - Analog Devices ADPL12005 Datasheet HTML 11Page - Analog Devices ADPL12005 Datasheet HTML 12Page - Analog Devices ADPL12005 Datasheet HTML 13Page - Analog Devices ADPL12005 Datasheet HTML 14Page - Analog Devices ADPL12005 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ADPL12005/ADPL12006
20V, 5A/6A Fully Integrated Synchronous Buck
Converters
www.analog.com
Analog Devices | 11
Thermal Shutdown
Thermal shutdown protects the devices from excessive operating temperature. When the junction temperature exceeds
+175°C, an internal sensor shuts down the step-down converter, allowing the IC to cool. The sensor turns the IC on again
after the junction temperature cools by 15°C.
Multiphase Operation
The ADPL12005/ADPL12006 ICs are capable of dual-phase operation for high-current applications, and each IC can be
configured as a controller or a target. The multiphase operation is intended for forced-PWM mode only. SYNCOUT will
be 180 degrees out of phase with the controller clock. If the device is in Skip mode, then no clock will be present on
SYNCOUT. To enable low-IQ operation in dual-phase configuration, disable the EN of the target to turn OFF the IC and
save quiescent current.
For a target, connect SYNCOUT to BIAS. When EN is high, there will be a procedure to detect if the IC is a controller
(SYNCOUT is not connected to BIAS) or a target. The VEA pin will be the voltage-error amplifier output for the controller
or the current-error amplifier input for the target. Connect the VEA pin of the controller to the VEA pin of the target to
ensure balanced current sharing between the two phases. Use two separate resistor-dividers for each IC to avoid the FB
pins of the controller and target being connected at the same point. Since the target IC uses the outer voltage loop of the
controller (through the VEA pin), any mismatch in the output voltage is avoided. See Figure 1 for a dual-phase
configuration setup using the ADPL12005/ADPL12006.
RFB1
CONTROLLER
TARGET
OUT
OUT
BIAS
BIAS
RFB1
RFB2
RFB2
2.2µF
2.2µF
Figure 1. Typical Dual-Phase Configuration Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com