Electronic Components Datasheet Search
  English  ▼

X  

ADPL12008 Datasheet(PDF) 3 Page - Analog Devices

Part # ADPL12008
Description  20V, 8A/10A Fully Integrated Buck Converter with 20μA Quiescent Current and Dual-Phase Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12008 Datasheet(HTML) 3 Page - Analog Devices

  ADPL12008 Datasheet HTML 1Page - Analog Devices ADPL12008 Datasheet HTML 2Page - Analog Devices ADPL12008 Datasheet HTML 3Page - Analog Devices ADPL12008 Datasheet HTML 4Page - Analog Devices ADPL12008 Datasheet HTML 5Page - Analog Devices ADPL12008 Datasheet HTML 6Page - Analog Devices ADPL12008 Datasheet HTML 7Page - Analog Devices ADPL12008 Datasheet HTML 8Page - Analog Devices ADPL12008 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADPL12008/ADPL12010
20V, 8A/10A Fully Integrated Buck Converter
with 20μA Quiescent Current and Dual-Phase
Capability
www.analog.com
Analog Devices | 3
TABLE OF CONTENTS
General Description ............................................................................................................................................................1
Applications.........................................................................................................................................................................1
Benefits and Features.........................................................................................................................................................1
Absolute Maximum Ratings ...............................................................................................................................................4
Package Information ...........................................................................................................................................................4
Electrical Characteristics.....................................................................................................................................................5
Typical Operating Characteristics .......................................................................................................................................7
Pin Configurations...............................................................................................................................................................9
Pin Descriptions ................................................................................................................................................................10
Detailed Description..........................................................................................................................................................11
Linear Regulator Output (BIAS) ....................................................................................................................................11
Synchronization Input (SYNC) ......................................................................................................................................11
Enable Input (EN)..........................................................................................................................................................11
Soft-Start .......................................................................................................................................................................11
Short-Circuit Protection .................................................................................................................................................11
Power Good Indicator (PGOOD) ...................................................................................................................................11
Thermal Shutdown Protection .......................................................................................................................................12
Dual-Phase Operation...................................................................................................................................................12
Low-IQ Operation in Dual-Phase ..................................................................................................................................13
Applications Information....................................................................................................................................................14
Setting the Output Voltage ............................................................................................................................................14
Input Capacitor ..............................................................................................................................................................14
Selecting the Inductor....................................................................................................................................................15
Output Capacitor ...........................................................................................................................................................15
PCB Layout Guidelines .................................................................................................................................................16
Typical Application Circuits ...............................................................................................................................................18
Ordering Information .........................................................................................................................................................19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com