Electronic Components Datasheet Search
  English  ▼

X  

ADPL12008 Datasheet(PDF) 18 Page - Analog Devices

Part # ADPL12008
Description  20V, 8A/10A Fully Integrated Buck Converter with 20μA Quiescent Current and Dual-Phase Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12008 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADPL12008 Datasheet HTML 12Page - Analog Devices ADPL12008 Datasheet HTML 13Page - Analog Devices ADPL12008 Datasheet HTML 14Page - Analog Devices ADPL12008 Datasheet HTML 15Page - Analog Devices ADPL12008 Datasheet HTML 16Page - Analog Devices ADPL12008 Datasheet HTML 17Page - Analog Devices ADPL12008 Datasheet HTML 18Page - Analog Devices ADPL12008 Datasheet HTML 19Page - Analog Devices ADPL12008 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADPL12008/ADPL12010
20V, 8A/10A Fully Integrated Buck Converter
with 20μA Quiescent Current and Dual-Phase
Capability
www.analog.com
Analog Devices | 18
Typical Application Circuits
Single-Phase Operation (400kHz)
EN
ADPL12008
ADPL12010
BST
SUP
PGND
PGND
BIAS
GND
SUP
PGND
PGND
LX
49.9k
15.8k
220pF
4.7µF
4.7µF
2.2µF
0.1µF
2.2µH
4 x 100µF
VSUP = 3V TO 20V
VOUT = 3.3V
Single-Phase Operation (1.5MHz)
EN
ADPL12008
ADPL12010
BST
SUP
PGND
PGND
BIAS
GND
SUP
PGND
PGND
LX
49.9k
15.8k
47pF
4.7µF
4.7µF
2.2µF
0.1µF
0.68µH
3 x 22µF
VSUP = 3V TO 20V
VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com