Electronic Components Datasheet Search
  English  ▼

X  

ADPL12008 Datasheet(PDF) 4 Page - Analog Devices

Part # ADPL12008
Description  20V, 8A/10A Fully Integrated Buck Converter with 20μA Quiescent Current and Dual-Phase Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12008 Datasheet(HTML) 4 Page - Analog Devices

  ADPL12008 Datasheet HTML 1Page - Analog Devices ADPL12008 Datasheet HTML 2Page - Analog Devices ADPL12008 Datasheet HTML 3Page - Analog Devices ADPL12008 Datasheet HTML 4Page - Analog Devices ADPL12008 Datasheet HTML 5Page - Analog Devices ADPL12008 Datasheet HTML 6Page - Analog Devices ADPL12008 Datasheet HTML 7Page - Analog Devices ADPL12008 Datasheet HTML 8Page - Analog Devices ADPL12008 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADPL12008/ADPL12010
20V, 8A/10A Fully Integrated Buck Converter
with 20μA Quiescent Current and Dual-Phase
Capability
www.analog.com
Analog Devices | 4
Absolute Maximum Ratings
SUP, EN to PGND..............................................-0.3V to +22V
BST to LX..........................................................-0.3V to +2.2V
BST to BIAS .........................................................-0.3V to 22V
BST to PGND .....................................................-0.3V to +24V
LX to PGND..............................................-0.3V to SUP + 0.3V
SYNC, SYNCOUT, PGOOD to GND ......................-0.3V to 6V
FB, VEA to GND......................................-0.3V to BIAS + 0.3V
OUT to GND.........................................................-0.3V to 16V
PGND to GND .....................................................-0.3V to 0.3V
BIAS to GND..................................................... -0.3V to +2.2V
LX Continuous RMS Current..............................................10A
SUP Continuous RMS Current.............................................5A
ESD Protection Human Body Model ................................ ±2kV
Continuous Power Dissipation (TA = +70°C, derate 37mW/°C
above +70°C).............................................................2963mW
Operating Junction Temperature.................... -40°C to +150°C
Storage Temperature Range ........................ -65°C to +150°C
Lead Temperature (Soldering 10s) ............................. +300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or
any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Information
Package Code
F173A3F+1F
Outline Number
21-100699
Land Pattern Number
90-100239
Thermal Resistance, Single-Layer Board:
Junction-to-Ambient (θJA)
38.6°C/W
Junction-to-Case Thermal Resistance (θJC)
7.7°C/W
Thermal Resistance, Four-Layer Board:
Junction-to-Ambient (θJA)
27°C/W
Junction-to-Case Thermal Resistance (θJC)
8.5°C/W
For the latest package outline information and land patterns (footprints), go to https://www.analog.com/en/design-center/packaging-
quality-symbols-footprints/package-index.html. Note that a “+”, “#”, or “-” in the package code indicates RoHS status only. Package
drawings may show a different suffix character, but the drawing pertains to the package regardless of RoHS status.
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer board.
For detailed information on package thermal considerations, refer to https://www.analog.com/en/technical-articles/thermal-
characterization-of-ic-packages.html.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com