Electronic Components Datasheet Search
  English  ▼

X  

HT8691SP Datasheet(PDF) 4 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT8691SP
Description  5.5W Anti-Clipping Mono Class D Audio Amplifier with Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT8691SP Datasheet(HTML) 4 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT8691SP Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT8691SP Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT8691SP Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT8691SP Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd. HT8691SP Datasheet HTML 5Page - Jiaxing Heroic Technology Co.,Ltd. HT8691SP Datasheet HTML 6Page - Jiaxing Heroic Technology Co.,Ltd. HT8691SP Datasheet HTML 7Page - Jiaxing Heroic Technology Co.,Ltd. HT8691SP Datasheet HTML 8Page - Jiaxing Heroic Technology Co.,Ltd. HT8691SP Datasheet HTML 9Page - Jiaxing Heroic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
HT8691
Class D Audio Amplifier
Copyright ©2016, Jiaxing Heroic Technology Co., Ltd
-4-
11/2016 – V0.1
VBAT=3.6V, RL=8Ω+33uH,
THD+N = 10%
80
%
Quiescent current
IBAT
No Load
Input
Grounded
20
mA
With Load*6
20
mA
Maximum Input Signal
VINmax
fIN = 1kHz, THD+N≤10%, ACF
ON
1.2
Vrms
Class AB Channel*7
VSS=0V, VBAT =3.6V, Av=20dB, Ta=25ºC, CIN=0.1uF, unless otherwise specified
Output Power
PO
RL=4Ω,
VBAT=3.6V
f=1kHz,
THD+N=10%
1.3
W
RL=4Ω,
VBAT=4.2V
1.8
RL=4Ω,
VBAT=5.0V
2.65
W
RL=4Ω,
VBAT=3.6V
f=1kHz,
THD+N=1%
1.0
W
RL=4Ω,
VBAT=4.2V
1.5
RL=4Ω,
VBAT=5.0V
2.1
W
Total
Harmonic
Distortion plus Noise
THD+N
PO=0.01W
RL=4Ω,
f=1kHz
0.12
%
PO=0.1W
0.1
%
Output Noise
VN
f=20Hz~20kHz, A weighted,
Av=20dB
75
µVrms
Signal to Noise Ratio
SNR
A weighted, Av=20dB, THD+N
= 1%
90
dB
Output offset voltage
VOS
±
4
mV
Efficiency
η
RL=4Ω+22uH, THD+N = 10%
70
%
RL=8Ω+33uH, THD+N = 10%
74.5
%
Quiescent current
IBAT
No Load
Input
Grounded
20
mA
With Load
20
mA
System Gain
Av0
RIN=56 kΩ
20
dB
Start-up time
(power-on, shutdown
release, or switch from
Class D to Class AB)
tSTUP
270
ms
Digital Input/Output
ACF-Off (Class D)
mode setting threshold
voltage
VMOD1
0.75×
PVDD
PVDD
V
ACF ON (Class D)
mode setting threshold
voltage
VMOD2
0.50×
PVDD
0.60×
PVDD
V
Class AB mode setting
threshold voltage*8
VMOD3
0.15×
PVDD
0.35×
PVDD
V
SD mode setting
threshold voltage
VMOD4
0
0.06×
PVDD
V
SD wake up voltage
VCTRL_ON
0.8
Internal pull-down
Resistor of CTRL
RCTRL
Class D
125
KΩ
Class AB
+∞
MISCELLANEOUS
VBAT start-up threshold
voltage
VUVLH
2.5
V
VBAT shut-down
threshold voltage
VUVLL
2.3
V
*5:
Depending on parts and pattern layout, characteristics may be changed.
*6: 4ohm resistor and 22uH coil are used as an output load in order to simulate a speaker.
*7: In Class AB amplifier mode, boost converter is shutdown automatically. Due to the schottky rectifier, the voltage of PVDD terminal can
be lower than VBAT, depending on the forward voltage of the rectifier.
*8: ACF ON mode is only available in Class D amplifier mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com