Electronic Components Datasheet Search
  English  ▼

X  

HT8691SP Datasheet(PDF) 1 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT8691SP
Description  5.5W Anti-Clipping Mono Class D Audio Amplifier with Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT8691SP Datasheet(HTML) 1 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT8691SP Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT8691SP Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT8691SP Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT8691SP Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd. HT8691SP Datasheet HTML 5Page - Jiaxing Heroic Technology Co.,Ltd. HT8691SP Datasheet HTML 6Page - Jiaxing Heroic Technology Co.,Ltd. HT8691SP Datasheet HTML 7Page - Jiaxing Heroic Technology Co.,Ltd. HT8691SP Datasheet HTML 8Page - Jiaxing Heroic Technology Co.,Ltd. HT8691SP Datasheet HTML 9Page - Jiaxing Heroic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
HT8691
Class D Audio Amplifier
Copyright ©2016, Jiaxing Heroic Technology Co., Ltd
-1-
11/2016 – V0.1
5.5W Anti-Clipping Mono Class D Audio Amplifier with
Boost Converter
 FEATURE
・Anti-Clipping Function (ACF)
・Filter-less Modulation, Eliminating Output Filter
・Output Power
5.5W (VBAT=4.2V, PVDD = 6.5V, RL=4Ω,
THD+N=10%)
3.0W (VBAT=4.2V, PVDD = 6.5V, RL=8Ω,
THD+N=10%)
・Power Supply
-Boost Input VBAT:2.5V to 5.5V
-Boost Output PVDD:VBAT to 7.0V
・Adjustable BOOST Output Voltage
・Class AB / Class D
・Over Current Protection, Thermal Protection,
Low voltage malfunction prevention function
included
・Pb-Free Packages , SOP8L-PP
 APPLICATIONS
・Bluetooth Speakers
・Portable Speakers
・2.1 Channel Speakers
・Megaphone
・iphone/ipod/ipod docking
・MP4/GPS
・Tablet PC/Note Book
・Smart Phones
・LCD TV/Monitor
・Portable Gamers
 GENERAL DESCRIPTION
HT8691 integrates a boost converter with a
filter-less stereo class D audio power amplifier to
provide 5.5W continuous power into a into a 4Ω
speaker when operating from a Li-battery voltage
boosted to 6.5V. Meanwhile, the boost output
voltage is adjustable.
HT8691 features Anti-Clipping Function (ACF)
which detects output signal clip due to the over
input signal and suppresses the output signal clip
automatically. Also, the ACF function can adapt the
output clip caused by power supply voltage down
with battery. It can significantly improve the sound
quality, creating a very comfortable musical
enjoyment, and to protect the speakers from
overload damage. It also supplies ACF OFF mode.
Class AB amplifier mode is also available for
HT8691. Once the EMI Interference from class D
and Boost Converter becomes an annoying
problem, HT8691 can be changed into Class AB
mode.
HT8691 has a filter-less modulation circuit
which directly drives speakers while realizes low
distortion and low noise characteristics. Thanks to
filter-less, circuit design with fewer external parts
can be made in portable applications.
HT8691 has the independent Shutdown
function
which
can
minimize
the
power
consumption at standby and MUTE function. As for
protection function, over current protection function
for speaker output terminals, over temperature
protection function, and low supply voltage
malfunction preventing function are also prepared.
 TYPICAL APPLICATION
IN+
CIN
CIN
HT8691
IN-
0.1uF
1KO
1µF
10 µF
470 F
µ
1µF 10 µF
470 F
µ
0.1uF
Dx
PVDD
LX
FB
CTRL
OUT+
OUT-
Rd1
Rd2
3.3nF
10nF
1Ω
RIN
RIN
56KΩ
56KΩ
2
3
1
6
74
5
8
Battery
9-GND


Similar Part No. - HT8691SP

ManufacturerPart #DatasheetDescription
logo
Jiaxing Heroic Technolo...
HT8691SP HEROIC-HT8691SP Datasheet
99Kb / 2P
7.0WD/AB class audio power amplifier with built-in BOOST boost and anti-break function
More results

Similar Description - HT8691SP

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8009 LYONTEK-LY8009_12 Datasheet
545Kb / 17P
5.5W Mono Filterless Class D Audio power Amplifier
LY8009 LYONTEK-LY8009_17 Datasheet
683Kb / 17P
5.5W Mono Filterless Class D Audio power Amplifier
logo
Diodes Incorporated
PAM8012 DIODES-PAM8012 Datasheet
450Kb / 14P
MONO 2.0W ANTI-SATURATION CLASS-D AUDIO POWER AMPLIFIER
Rev 1
logo
Jiaxing Heroic Technolo...
HT8692 HEROIC-HT8692 Datasheet
191Kb / 3P
6.5W Class D Audio Power Amplifier with BOOST Boost and Anti-Broken
HT8693 HEROIC-HT8693 Datasheet
175Kb / 2P
10W anti-breaking mono D-class audio amplifier
logo
Shenzhenshi YONGFUKANG ...
HT6872 YONGFUKANG-HT6872 Datasheet
610Kb / 12P
4.7W anti-cutting top mono Class D audio power amplifier
logo
Shenzhen Huazhimei Semi...
HM8881 HMSEMI-HM8881 Datasheet
1Mb / 13P
6.4W Anti-Clipping Mono Audio Power Amplifier
HM2011 HMSEMI-HM2011 Datasheet
941Kb / 14P
4.7W Anti-cutting Mono Class D Audio Power Amplifier
HM8874 HMSEMI-HM8874 Datasheet
1Mb / 17P
10W anti-breaking sound mono Class D audio power amplifier
logo
Shenzhen Naxinwei Techn...
NS4159 NSIWAY-NS4159 Datasheet
335Kb / 15P
Class AB/D dual-mode, anti-distortion, 5.5W mono audio amplifier
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com