Electronic Components Datasheet Search
  English  ▼

X  

HT8691SP Datasheet(PDF) 7 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT8691SP
Description  5.5W Anti-Clipping Mono Class D Audio Amplifier with Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT8691SP Datasheet(HTML) 7 Page - Jiaxing Heroic Technology Co.,Ltd.

Back Button HT8691SP Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT8691SP Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd. HT8691SP Datasheet HTML 5Page - Jiaxing Heroic Technology Co.,Ltd. HT8691SP Datasheet HTML 6Page - Jiaxing Heroic Technology Co.,Ltd. HT8691SP Datasheet HTML 7Page - Jiaxing Heroic Technology Co.,Ltd. HT8691SP Datasheet HTML 8Page - Jiaxing Heroic Technology Co.,Ltd. HT8691SP Datasheet HTML 9Page - Jiaxing Heroic Technology Co.,Ltd. HT8691SP Datasheet HTML 10Page - Jiaxing Heroic Technology Co.,Ltd. HT8691SP Datasheet HTML 11Page - Jiaxing Heroic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
HT8691
Class D Audio Amplifier
Copyright ©2016, Jiaxing Heroic Technology Co., Ltd
-7-
11/2016 – V0.1
Class AB Channel
Condition: Class AB mode, VBAT = 3.6V, fIN = 1kHz, RIN = 56k, Gain = 20dB, Output = Load = 4ohm, unless otherwise
specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com