Electronic Components Datasheet Search
  English  ▼

X  

TPS22810DBVT Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS22810DBVT
Description  TPS22810, 2.7-18-V, 79-mΩ On-Resistance Load Switch With Thermal Protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22810DBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS22810DBVT Datasheet HTML 17Page - Texas Instruments TPS22810DBVT Datasheet HTML 18Page - Texas Instruments TPS22810DBVT Datasheet HTML 19Page - Texas Instruments TPS22810DBVT Datasheet HTML 20Page - Texas Instruments TPS22810DBVT Datasheet HTML 21Page - Texas Instruments TPS22810DBVT Datasheet HTML 22Page - Texas Instruments TPS22810DBVT Datasheet HTML 23Page - Texas Instruments TPS22810DBVT Datasheet HTML 24Page - Texas Instruments TPS22810DBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
OUT
INRUSH
L
dV
I
C
dt
=
´
VIN
VON
VOUT
VIN
VON
VOUT
21
TPS22810
www.ti.com
SLVSDH0C – DECEMBER 2016 – REVISED JANUARY 2018
Product Folder Links: TPS22810
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
VIN = 12 V
CIN = 1 µF
CL = 22 µF
Figure 26. tF at VIN = 12 V, RQOD = 500 Ω
VIN = 12 V
CIN = 1 µF
CL = 22 µF
Figure 27. tF at VIN = 12 V, QOD = VOUT
10.5.2.2 VIN to VOUT Voltage Drop
The VIN to VOUT voltage drop in the device is determined by the RON of the device and the load current. The
RON of the device depends upon the VIN conditions of the device. Refer to the RON specification of the device in
the Electrical Characteristics table of this datasheet. Once the RON of the device is determined based upon the
VIN conditions, use Equation 8 to calculate the VIN to VOUT voltage drop.
∆V = ILOAD × RON
where
•
ΔV is the voltage drop from VIN to VOUT
•
ILOAD is the load current
•
RON is the On-resistance of the device for a specific VIN
(8)
An appropriate ILOAD must be chosen such that the IMAX specification of the device is not violated.
10.5.2.3 Inrush Current
To determine how much inrush current is caused by the CL capacitor, use Equation 9.
where
•
IINRUSH is the amount of inrush caused by CL
•
CL is the capacitance on VOUT
•
dt is the Output Voltage rise time during the ramp up of VOUT when the device is enabled
•
dVOUT is the change in VOUT during the ramp up of VOUT when the device is enabled
(9)
The appropriate rise time can be calculated using the design requirements and the inrush current equation. As
we calculate the rise time (measured from 10% to 90% of VOUT), we account for this in our dVOUT parameter
(80% of VOUT = 9.6 V) as shown in Equation 10 and Equation 11.
400 mA = 22 µF × 9.6 V/dt
(10)
dt = 528 µs
(11)
To ensure an inrush current of less than 400 mA, choose a CT value that yields a rise time of more than 528 μs.
Consulting Table 2 at VIN = 12 V, CT = 4700 pF provides a typical rise time of 957 μs. Using this rise time and
voltage into Equation 9, yields Equation 12 and Equation 13.
IInrush = 22 µF × 9.6 V/ 957 µs
(12)
Inrush = 220 mA
(13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com