Electronic Components Datasheet Search
  English  ▼

X  

TPS22810DBVT Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS22810DBVT
Description  TPS22810, 2.7-18-V, 79-mΩ On-Resistance Load Switch With Thermal Protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22810DBVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS22810DBVT Datasheet HTML 18Page - Texas Instruments TPS22810DBVT Datasheet HTML 19Page - Texas Instruments TPS22810DBVT Datasheet HTML 20Page - Texas Instruments TPS22810DBVT Datasheet HTML 21Page - Texas Instruments TPS22810DBVT Datasheet HTML 22Page - Texas Instruments TPS22810DBVT Datasheet HTML 23Page - Texas Instruments TPS22810DBVT Datasheet HTML 24Page - Texas Instruments TPS22810DBVT Datasheet HTML 25Page - Texas Instruments TPS22810DBVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
VIN
VON
VOUT
IIN
VIN
VON
VOUT
IIN
VIN
VON
VOUT
IIN
VIN
VON
VOUT
IIN
22
TPS22810
SLVSDH0C – DECEMBER 2016 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: TPS22810
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
An appropriate CL value must be placed on VOUT such that the IMAX and IPLS specifications of the device are not
violated.
10.5.3 Application Curves
See the oscilloscope captures below for an example of how the CT capacitor can be used to reduce inrush
current for VIN = 12 V. See the Adjustable Rise Time (CT) section for rise times for corresponding CT values.
Figure 28. TPS22810 Inrush Current With
CL = 22 µF, CT = 0 pF
Figure 29. TPS22810 Inrush Current
with CL = 22 µF, CT = 4700 pF
Figure 30. TPS22810 Inrush Current
With CL = 22 µF, CT = 27000 pF
Figure 31. TPS22810 Inrush Current
With CL = 100 µF, CT = 0 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com