Electronic Components Datasheet Search
  English  ▼

X  

TPS22810DBVT Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS22810DBVT
Description  TPS22810, 2.7-18-V, 79-mΩ On-Resistance Load Switch With Thermal Protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22810DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS22810DBVT Datasheet HTML 3Page - Texas Instruments TPS22810DBVT Datasheet HTML 4Page - Texas Instruments TPS22810DBVT Datasheet HTML 5Page - Texas Instruments TPS22810DBVT Datasheet HTML 6Page - Texas Instruments TPS22810DBVT Datasheet HTML 7Page - Texas Instruments TPS22810DBVT Datasheet HTML 8Page - Texas Instruments TPS22810DBVT Datasheet HTML 9Page - Texas Instruments TPS22810DBVT Datasheet HTML 10Page - Texas Instruments TPS22810DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
7
TPS22810
www.ti.com
SLVSDH0C – DECEMBER 2016 – REVISED JANUARY 2018
Product Folder Links: TPS22810
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
7.6 Switching Characteristics
Refer to the timing test circuit in Figure 16 (unless otherwise noted) for references to external components used for the test
condition in the switching characteristics table. Switching characteristics shown below are only valid for the power-up
sequence where VIN is already in steady state condition before the EN/UVLO pin is asserted high.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN = 18 V, VEN/UVLO = 5 V, TA = 25 °C (unless otherwise noted)
tON
Turnon time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 2200 pF
520
µs
tOFF
Turnoff time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 2200 pF
3.3
tR
VOUT rise time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 2200 pF
700
tF
VOUT fall time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 2200 pF
2
tD
Delay time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 2200 pF
180
VIN = 12 V, VEN/UVLO = 5 V, TA = 25 °C (unless otherwise noted)
tON
Turnon time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 2200 pF
380
µs
tOFF
Turnoff time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 2200 pF
3.3
tR
VOUT rise time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 2200 pF
460
tF
VOUT fall time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 2200 pF
2
tD
ON delay time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 2200 pF
150
VIN = 3.3 V, VEN/UVLO = 5 V, TA = 25 °C (unless otherwise noted)
tON
Turnon time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 2200 pF
185
µs
tOFF
Turnoff time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 2200 pF
3.3
tR
VOUT rise time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 2200 pF
120
tF
VOUT fall time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 2200 pF
2
tD
ON delay time
RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF, CT = 2200 pF
130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com