Electronic Components Datasheet Search
  English  ▼

X  

TPS22976NDPUT Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS22976NDPUT
Description  TPS22976 5.7-V, 6-A, 14-mΩ On-Resistance Dual-Channel Load Switch
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22976NDPUT Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS22976NDPUT Datasheet HTML 17Page - Texas Instruments TPS22976NDPUT Datasheet HTML 18Page - Texas Instruments TPS22976NDPUT Datasheet HTML 19Page - Texas Instruments TPS22976NDPUT Datasheet HTML 20Page - Texas Instruments TPS22976NDPUT Datasheet HTML 21Page - Texas Instruments TPS22976NDPUT Datasheet HTML 22Page - Texas Instruments TPS22976NDPUT Datasheet HTML 23Page - Texas Instruments TPS22976NDPUT Datasheet HTML 24Page - Texas Instruments TPS22976NDPUT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
8 Detailed Description
8.1 Overview
The TPS22976 is a 5.7-V, dual-channel, 14-mΩ (typical) RON load switch in a 14-pin WSON package. Each
channel can support a maximum continuous current of 6 A and is controlled by an on and off GPIO-compatible
input. To reduce the voltage drop in high current rails, the device implements N-channel MOSFETs. Note that the
ON pins must be connected and cannot be left floating. The device has a configurable slew rate for applications
that require specific rise-time, which controls the inrush current. By controlling the inrush current, power supply
sag can be reduced during turnon. Furthermore, the slew rate is proportional to the capacitor on the CT pin. See
the Adjustable Rise Time section to determine the correct CT value for a desired rise time.
The internal circuitry is powered by the VBIAS pin, which supports voltages from 2.5 V to 5.7 V. This circuitry
includes the charge pump, QOD (optional), and control logic. When a voltage is applied to VBIAS, and the ON1,2
pins transition to a low state, the QOD functionality is activated. This connects VOUT1 and VOUT2 to ground
through the on-chip resistor. The typical pulldown resistance (RPD) is 230 Ω.
During the off state, the device prevents downstream circuits from pulling high standby current from the supply.
The integrated control logic, driver, power supply, and output discharge FET eliminates the need for any external
components, reducing solution size and bill of materials (BOM) count.
www.ti.com
TPS22976
SLVSDE7D – NOVEMBER 2016 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS22976



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com