Electronic Components Datasheet Search
  English  ▼

X  

TPS22976NDPUT Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS22976NDPUT
Description  TPS22976 5.7-V, 6-A, 14-mΩ On-Resistance Dual-Channel Load Switch
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22976NDPUT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS22976NDPUT Datasheet HTML 9Page - Texas Instruments TPS22976NDPUT Datasheet HTML 10Page - Texas Instruments TPS22976NDPUT Datasheet HTML 11Page - Texas Instruments TPS22976NDPUT Datasheet HTML 12Page - Texas Instruments TPS22976NDPUT Datasheet HTML 13Page - Texas Instruments TPS22976NDPUT Datasheet HTML 14Page - Texas Instruments TPS22976NDPUT Datasheet HTML 15Page - Texas Instruments TPS22976NDPUT Datasheet HTML 16Page - Texas Instruments TPS22976NDPUT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
6.10 Typical DC Characteristics (continued)
1
1.5
2
2.5
3
3.5
4
4.5
5
Input Voltage (V)
10
15
20
25
-40°C
25°C
85°C
105°C
VBIAS = 5 V
IOUT = –200 mA
VON = 5 V
Figure 6-7. On-Resistance vs Input Voltage Single Channel -
Across Ambient Temperatures (TPS22976)
0.8
1.2
1.6
2
2.4
Input Voltage (V)
10
15
20
25
-40°C
25°C
85°C
105°C
VBIAS = 2.5 V
IOUT = –200 mA
VON = 5 V
Figure 6-8. On-Resistance vs Input Voltage Single Channel -
Across Ambient Temperatures (TPS22976)
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
10
15
20
25
VIN = 0.6 V
VIN = 3 V
VIN = 5 V
VBIAS = 5 V
IOUT = –200 mA
VON = 5 V
Figure 6-9. On-Resistance vs Ambient Temperature Single
Channel (TPS22976)
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
10
15
20
25
VIN = 0.6 V
VIN = 1.5 V
VIN = 2.5 V
VBIAS = 2.5 V
IOUT = –200 mA
VON = 5 V
Figure 6-10. On-Resistance vs Ambient Temperature Single
Channel (TPS22976)
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
10
15
20
25
D005
VIN = 0.6 V
VIN = 0.8 V
VIN = 1.05 V
VIN = 1.2 V
VIN = 1.8 V
VIN = 2.5 V
VBIAS = 2.5 V
IOUT = –200 mA
VON = 5 V
Figure 6-11. On-Resistance vs Ambient Temperature Single
Channel (TPS22976A, TPS22976N)
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
D005
D006
VIN = 0.6 V
VIN = 1.05 V
VIN = 1.8 V
VIN = 2.5 V
VIN = 3.3 V
VIN = 5 V
VBIAS = 5 V
IOUT = –200 mA
VON = 5 V
Figure 6-12. On-Resistance vs Ambient Temperature Single
Channel (TPS22976A, TPS22976N)
www.ti.com
TPS22976
SLVSDE7D – NOVEMBER 2016 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS22976



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com