Electronic Components Datasheet Search
  English  ▼

X  

TPS22976NDPUT Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS22976NDPUT
Description  TPS22976 5.7-V, 6-A, 14-mΩ On-Resistance Dual-Channel Load Switch
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22976NDPUT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS22976NDPUT Datasheet HTML 4Page - Texas Instruments TPS22976NDPUT Datasheet HTML 5Page - Texas Instruments TPS22976NDPUT Datasheet HTML 6Page - Texas Instruments TPS22976NDPUT Datasheet HTML 7Page - Texas Instruments TPS22976NDPUT Datasheet HTML 8Page - Texas Instruments TPS22976NDPUT Datasheet HTML 9Page - Texas Instruments TPS22976NDPUT Datasheet HTML 10Page - Texas Instruments TPS22976NDPUT Datasheet HTML 11Page - Texas Instruments TPS22976NDPUT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
6.6 Electrical Characteristics (VBIAS = 2.5V) (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP MAX UNIT
RON
On-Resistance
(TPS22976A, TPS22976N)
IOUT = -200mA
VIN = 2.5V
25°C
18
23
mΩ
-40°C to 85°C
28
mΩ
-40°C to 105°C
30
mΩ
VIN = 1.8V
25°C
16
23
mΩ
-40°C to 85°C
28
mΩ
-40°C to 105°C
29
mΩ
VIN = 1.5V
25°C
16
22
mΩ
-40°C to 85°C
27
mΩ
-40°C to 105°C
28
mΩ
VIN = 1.2V
25°C
16
21
mΩ
-40°C to 85°C
26
mΩ
-40°C to 105°C
28
mΩ
VIN = 1.05V
25°C
16
21
mΩ
-40°C to 85°C
25
mΩ
-40°C to 105°C
27
mΩ
VIN = 0.6V
25°C
15
20
mΩ
-40°C to 85°C
25
mΩ
-40°C to 105°C
26
mΩ
VON,HYS
ON Pin Hysteresis
VIN = 2.5V
25°C
70
mV
RPD
Output Pulldown Resistance VIN = VOUT = 2.5V, VON = 0V
-40°C to 105°C
250
330
Ω
TSD
Thermal Shutdown
Junction Temperature Rising
-
160
°C
TSD,HYS
Thermal Shutdown
Hysteresis
Junction Temperature Falling
-
20
°C
6.7 Switching Characteristics (TPS22976)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN = VON = VBIAS = 5V, TA = 25°C
tON
Turn ON Time
RL = 10Ω, CL = 0.1uF, CT = 1000pF
2390
µs
tOFF
Turn OFF Time
RL = 10Ω, CL = 0.1uF, CT = 1000pF
3
µs
tR
Rise Time
RL = 10Ω, CL = 0.1uF, CT = 1000pF
1770
µs
tF
Fall Time
RL = 10Ω, CL = 0.1uF, CT = 1000pF
2
µs
tD
Delay Time
RL = 10Ω, CL = 0.1uF, CT = 1000pF
620
µs
VIN = 0.6V, VON = VBIAS = 5V, TA = 25°C
tON
Turn ON Time
RL = 10Ω, CL = 0.1uF, CT = 1000pF
745
µs
tOFF
Turn OFF Time
RL = 10Ω, CL = 0.1uF, CT = 1000pF
3
µs
tR
Rise Time
RL = 10Ω, CL = 0.1uF, CT = 1000pF
285
µs
tF
Fall Time
RL = 10Ω, CL = 0.1uF, CT = 1000pF
2
µs
tD
Delay Time
RL = 10Ω, CL = 0.1uF, CT = 1000pF
460
µs
VIN = 2.5V, VON = 5V, VBIAS = 2.5V, TA = 25°C
tON
Turn ON Time
RL = 10Ω, CL = 0.1uF, CT = 1000pF
3485
µs
tOFF
Turn OFF Time
RL = 10Ω, CL = 0.1uF, CT = 1000pF
2
µs
tR
Rise Time
RL = 10Ω, CL = 0.1uF, CT = 1000pF
2275
µs
tF
Fall Time
RL = 10Ω, CL = 0.1uF, CT = 1000pF
2
µs
TPS22976
SLVSDE7D – NOVEMBER 2016 – REVISED DECEMBER 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS22976



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com