Electronic Components Datasheet Search
  English  ▼

X  

TPS25200DRVT Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS25200DRVT
Description  TPS25200 5V eFuse With Precision Adjustable Current Limit and Overvoltage Clamp
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25200DRVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS25200DRVT Datasheet HTML 18Page - Texas Instruments TPS25200DRVT Datasheet HTML 19Page - Texas Instruments TPS25200DRVT Datasheet HTML 20Page - Texas Instruments TPS25200DRVT Datasheet HTML 21Page - Texas Instruments TPS25200DRVT Datasheet HTML 22Page - Texas Instruments TPS25200DRVT Datasheet HTML 23Page - Texas Instruments TPS25200DRVT Datasheet HTML 24Page - Texas Instruments TPS25200DRVT Datasheet HTML 25Page - Texas Instruments TPS25200DRVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
9 Device and Documentation Support
9.1 Documentation Support
9.1.1 Related Documentation
For related documentation, see the following:
TPS25200 EVM User's Guide
9.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
9.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
9.4 Trademarks
PowerPAD™ and TI E2E™ are trademarks of Texas Instruments.
All trademarks are the property of their respective owners.
9.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
9.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
10 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (June 2021) to Revision F (July 2025)
Page
• Changed all instances of legacy terminology to target where USB is mentioned.............................................. 1
• Changed continuous load current from 2.5A to 2.6A throughout document.......................................................1
• Changed title and format of Package Information table .................................................................................... 1
Changes from Revision D (February 2020) to Revision E (June 2021)
Page
• Updated the numbering format for tables, figures and cross-references throughout the document ................. 1
• Corrected package type..................................................................................................................................... 3
• Corrected package type..................................................................................................................................... 4
11 Mechanical, Packaging, and Orderable Information
The following pages include mechanical packaging and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
TPS25200
SLVSCJ0F – MARCH 2014 – REVISED JULY 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS25200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com