Electronic Components Datasheet Search
  English  ▼

X  

TPS25200DRVT Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS25200DRVT
Description  TPS25200 5V eFuse With Precision Adjustable Current Limit and Overvoltage Clamp
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25200DRVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS25200DRVT Datasheet HTML 3Page - Texas Instruments TPS25200DRVT Datasheet HTML 4Page - Texas Instruments TPS25200DRVT Datasheet HTML 5Page - Texas Instruments TPS25200DRVT Datasheet HTML 6Page - Texas Instruments TPS25200DRVT Datasheet HTML 7Page - Texas Instruments TPS25200DRVT Datasheet HTML 8Page - Texas Instruments TPS25200DRVT Datasheet HTML 9Page - Texas Instruments TPS25200DRVT Datasheet HTML 10Page - Texas Instruments TPS25200DRVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
5.7 Typical Characteristics
0
20
40
60
80
100
120
140
160
180
200
±50
0
50
100
150
Junction Temperature (ƒC)
VIN = 2.5 V
VIN = 5 V
C001
V
IN = 5 V
V
IN = 2.5 V
RILIM = 33 kΩ
Figure 5-1. IIN(on) vs Junction Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
±50
0
50
100
150
Junction Temperature (ƒC)
VIN = 2.5 V
VIN = 5 V
C002
V
IN = 5 V
V
IN = 2.5
RILIM = 33 kΩ
Figure 5-2. IIN(off) vs Junction Temperature
0
1
2
3
4
5
6
±50
0
50
100
150
Junction Temperature (ƒC)
C003
V
OUT = 6.5 V
VEN = VIN = 0 V
Figure 5-3. IREV vs Junction Temperature
0
10
20
30
40
50
60
70
80
90
100
±50
0
50
100
150
Junction Temperature (ƒC)
C004
V
IN = 5 V
Figure 5-4. rDS(ON) vs Junction Temperature
7.4
7.5
7.5
7.6
7.6
7.7
7.7
7.8
7.8
±50
0
50
100
150
Junction Temperature (ƒC)
C005
VEN = VIN = 0 V
Figure 5-5. V(OVLO) vs Junction Temperature
5.30
5.35
5.40
5.45
5.50
±50
0
50
100
150
Junction Temperature (ƒC)
C005
CL = 1 µF, RL = 100 Ω, VIN = 6.5 V
Figure 5-6. VO(VC) vs Junction Temperature
www.ti.com
TPS25200
SLVSCJ0F – MARCH 2014 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS25200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com