Electronic Components Datasheet Search
  English  ▼

X  

ADRF5702 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5702
Description  Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5702 Datasheet(HTML) 5 Page - Analog Devices

  ADRF5702 Datasheet HTML 1Page - Analog Devices ADRF5702 Datasheet HTML 2Page - Analog Devices ADRF5702 Datasheet HTML 3Page - Analog Devices ADRF5702 Datasheet HTML 4Page - Analog Devices ADRF5702 Datasheet HTML 5Page - Analog Devices ADRF5702 Datasheet HTML 6Page - Analog Devices ADRF5702 Datasheet HTML 7Page - Analog Devices ADRF5702 Datasheet HTML 8Page - Analog Devices ADRF5702 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Data Sheet
ADRF5702
SPECIFICATIONS
analog.com
Rev. A | 5 of 27
Table 1. 5V Electrical Specifications (Continued)
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Input at ATTOUT
Average
Attenuation state < 8dB
27
dBm
Attenuation state ≥ 8dB
24
dBm
Peak
Attenuation state < 8dB
32
dBm
Attenuation state ≥ 8dB
29
dBm
Hot Switching
All attenuation states
24
dBm
Case Temperature
TCASE
−40
105
°C
1 For input linearity performance over frequency, see Figure 48 to Figure 49.
2 Video feedthrough is peak transient measured at the RF ports in a 50Ω test setup, without an RF signal present while switching the control voltage.
3 Device does not support intermediate supply voltage levels except those levels detailed in the Table 1.
4 For RF power handling derating over the extended frequency range, see Figure 2.
5 For TCASE = 105°C operation, the RF power handling derates from the TCASE = 85°C specifications by 3 dB.
6 Peak: (≤100ns pulse duration, 5% duty cycle).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com