Electronic Components Datasheet Search
  English  ▼

X  

ADRF5702 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5702
Description  Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5702 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5702 Datasheet HTML 6Page - Analog Devices ADRF5702 Datasheet HTML 7Page - Analog Devices ADRF5702 Datasheet HTML 8Page - Analog Devices ADRF5702 Datasheet HTML 9Page - Analog Devices ADRF5702 Datasheet HTML 10Page - Analog Devices ADRF5702 Datasheet HTML 11Page - Analog Devices ADRF5702 Datasheet HTML 12Page - Analog Devices ADRF5702 Datasheet HTML 13Page - Analog Devices ADRF5702 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Data Sheet
ADRF5702
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. A | 10 of 27
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Charged device model (CDM) per ANSI/ESDA/JEDEC JS-002.
ESD Ratings for ADRF5702
Table 6. ADRF5702, 24-Terminal LGA
ESD Model
Withstand Threshold (V)
Class
HBM
RFx and RFC Pins
2000
2
Supply and Control Pins
2000
2
CDM
500
C2A
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged
devices and circuit boards can discharge without detection.
Although this product features patented or proprietary protec-
tion circuitry, damage may occur on devices subjected to high
energy ESD. Therefore, proper ESD precautions should be
taken to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com