Electronic Components Datasheet Search
  English  ▼

X  

ADRF5702 Datasheet(PDF) 17 Page - Analog Devices

Part # ADRF5702
Description  Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5702 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADRF5702 Datasheet HTML 13Page - Analog Devices ADRF5702 Datasheet HTML 14Page - Analog Devices ADRF5702 Datasheet HTML 15Page - Analog Devices ADRF5702 Datasheet HTML 16Page - Analog Devices ADRF5702 Datasheet HTML 17Page - Analog Devices ADRF5702 Datasheet HTML 18Page - Analog Devices ADRF5702 Datasheet HTML 19Page - Analog Devices ADRF5702 Datasheet HTML 20Page - Analog Devices ADRF5702 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Data Sheet
ADRF5702
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 17 of 27
VDD = 3.3V, VCTRL = 0V or 3.3V, TCASE = 25°C, and a 50Ω system, unless otherwise noted.
Figure 28. Insertion Loss vs. Frequency over Temperature
Figure 29. Input Return Loss vs. Frequency
Figure 30. Output Return Loss vs. Frequency
Figure 31. Normalized Attenuation vs. Frequency for States up to −10dB
Figure 32. Normalized Attenuation vs. Frequency for States from −10dB to
−20dB
Figure 33. Normalized Attenuation vs. Frequency for States from −20dB to
−32dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com