Electronic Components Datasheet Search
  English  ▼

X  

LT7153SP Datasheet(PDF) 4 Page - Analog Devices

Part # LT7153SP
Description  5V, ±25A High Efficiency Silent Switcher®2 Step-Down Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7153SP Datasheet(HTML) 4 Page - Analog Devices

  LT7153SP Datasheet HTML 1Page - Analog Devices LT7153SP Datasheet HTML 2Page - Analog Devices LT7153SP Datasheet HTML 3Page - Analog Devices LT7153SP Datasheet HTML 4Page - Analog Devices LT7153SP Datasheet HTML 5Page - Analog Devices LT7153SP Datasheet HTML 6Page - Analog Devices LT7153SP Datasheet HTML 7Page - Analog Devices LT7153SP Datasheet HTML 8Page - Analog Devices LT7153SP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Data Sheet
LT7153SP
analog.com
Rev. A
4 of 31
SPECIFICATIONS
Table 1. Electrical Characteristics
(Specifications are at TA = 25°C. VIN = 5V, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Supply Voltage Range
SVIN
-40°C ≤ TJ ≤ 125°C
2.7
5
V
PVIN
1.5
5
VOUT Operating Voltage
VOUT
RRT = 100kΩ
0.5
0.9VIN
V
Supply Operating
Current2
IQ (ACT)
Active, No-Load
RRT = 100kΩ, MODE/SYNC = 0
1.5
3
mA
Supply Shutdown
Current2
IQ (SHDN)
VRUN = 0V
5
µA
VIN OV Threshold
VIN-OV
Rising
8.0
V
Falling
7.5
RUN Threshold
VRUN
Rising
1.13
1.18
1.23
V
VRUN_Hys
Hysteresis
80
mV
INTVcc Regulated Voltage
VINTVCC
SVIN > 4V
3.45
3.6
3.75
V
INTVcc UVLO
VUVLO
Rising
2.55
2.65
V
Falling
2.4
BUCK Regulator Loop
FB regulation Voltage3
VFB
ITH = 1V
-40°C ≤ TJ ≤ 125°C
496
500
504
mV
FB Line and Load
Regulation3
ΔVFB(LINE+LOAD)
AVPSEL = 0V
-40°C ≤ TJ ≤ 125°C
0.05
0.3
%
AVPSEL = Float, ITH > 1V
1
AVPSEL = INTVcc, ITH > 1V
1.5
FB Pin Input Current
IFB
-40°C ≤ TJ ≤ 125°C
-50
50
nA
Error Amplifier gm
GM(EA)
ITH = 1V
0.85
1
1.15
mS
Minimum On-Time
tON(MIN)
-40°C ≤ TJ ≤ 125°C
15
25
ns
Minimum Off-Time
tOFF(MIN)
30
ns
Positive Inductor
Valley Current Limit4
ILIM-POS
FB = 0.48V
20
25
30
A
Current Threshold vs.
ITH Voltage
ILIM-ITH
ITH = 1.3V
25
A
ITH = 1.0V
0
ITH = 0.7V
-25
Negative Inductor
Valley Current Limit
ILIM-NEG
FB = 0.52V
-60
A
Top Power NMOS On
Resistance
RON-TOP
INTVcc = 3.6V
1.8
mΩ
Bottom Power NMOS
On Resistance
RON-BOT
INTVcc = 3.6V
0.7
mΩ
Top Switch Leakage
ISW-TOP
VIN= 5V, VSW= 0V
0.5
µA
Bottom Switch
Leakage
IBOT-TOP
VIN= 5V, VSW= 5V
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com