Electronic Components Datasheet Search
  English  ▼

X  

LT7153SP Datasheet(PDF) 13 Page - Analog Devices

Part # LT7153SP
Description  5V, ±25A High Efficiency Silent Switcher®2 Step-Down Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7153SP Datasheet(HTML) 13 Page - Analog Devices

Back Button LT7153SP Datasheet HTML 9Page - Analog Devices LT7153SP Datasheet HTML 10Page - Analog Devices LT7153SP Datasheet HTML 11Page - Analog Devices LT7153SP Datasheet HTML 12Page - Analog Devices LT7153SP Datasheet HTML 13Page - Analog Devices LT7153SP Datasheet HTML 14Page - Analog Devices LT7153SP Datasheet HTML 15Page - Analog Devices LT7153SP Datasheet HTML 16Page - Analog Devices LT7153SP Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Data Sheet
LT7153SP
analog.com
Rev. A
13 of 31
Figure 16. Switching Frequency vs. RT
Figure 17. Switching Frequency vs. VOUT
Figure 18. SVIN Current vs. Switching Frequency, CCM
Figure 19. Switching Frequency vs. Temperature
Figure 20. Regulated FB Voltage vs. Temperature
Figure 21. RUN Rising Threshold vs. Temperature
SVIN = 5V
RT (kΩ)
0
50
100
150
200
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
RT = 100kΩ
VOUT (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.8
0.9
1.0
1.1
1.2
SVIN = 5V
SWITCHING FREQUENCY (MHz)
0
1
2
3
4
5
0
20
40
60
80
100
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
0.8
0.9
1.0
1.1
1.2
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
498
499
500
501
502
503
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
1.15
1.16
1.17
1.18
1.19
1.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com