Electronic Components Datasheet Search
  English  ▼

X  

LT7153SP Datasheet(PDF) 21 Page - Analog Devices

Part # LT7153SP
Description  5V, ±25A High Efficiency Silent Switcher®2 Step-Down Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7153SP Datasheet(HTML) 21 Page - Analog Devices

Back Button LT7153SP Datasheet HTML 17Page - Analog Devices LT7153SP Datasheet HTML 18Page - Analog Devices LT7153SP Datasheet HTML 19Page - Analog Devices LT7153SP Datasheet HTML 20Page - Analog Devices LT7153SP Datasheet HTML 21Page - Analog Devices LT7153SP Datasheet HTML 22Page - Analog Devices LT7153SP Datasheet HTML 23Page - Analog Devices LT7153SP Datasheet HTML 24Page - Analog Devices LT7153SP Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Data Sheet
LT7153SP
analog.com
Rev. A
21 of 31
Using Ceramic Input and Output Capacitors
Higher values, lower cost ceramic capacitors are now becoming available in smaller case sizes. Their high ripple
current, high voltage rating, and low ESR make them ideal for switching regulator applications. However, due to the
self-resonant and high Q characteristics of some types of ceramic capacitors, take care when these capacitors are
used at the input and output. When a ceramic capacitor is used at the input and the power is supplied by a wall
adapter through long wires, a load step at the output can induce ringing at the VIN input. At best, this ringing can
couple to the output and be mistaken as loop instability. At worst, a sudden inrush of current through the long wires
can potentially cause a voltage spike at VIN large enough to damage the part. For a more detailed discussion, refer to
Application Note 88.
When choosing the input and output ceramic capacitors, choose the X5R and X7R dielectric formulations. These
dielectrics have the best temperature and voltage characteristics of all the ceramics for a given value and size.
Choose X8R for 150°C applications. More capacitance may be required depending on the duty cycle and load step
requirements. In most applications, the input capacitor is merely required to supply high frequency bypassing, since
the impedance to the supply is very low. A 47μF ceramic capacitor is usually enough for these conditions. Place this
input capacitor as close to the PVIN and GND pins as possible.
Minimum Off-Time and Minimum On-Time Considerations
The minimum off-time, tOFF(MIN), is the smallest amount of time that the LT7153SP is capable of turning on the bottom
power MOSFET, tripping the current comparator and turning the power MOSFET back off. This time is generally
about 30ns. The minimum off-time limit imposes a maximum duty cycle of tON/(tON + tOFF(MIN)). If the maximum duty
cycle is reached due to a dropping input voltage, for example, then the output drops out of regulation. The minimum
input voltage to avoid dropout is:
VIN(MIN) = VOUT •
tON + tOFF(MIN)
tON
Conversely, the minimum on-time is the smallest duration of time in which the top power MOSFET can be in its ON
state. This time is typically 15ns. In continuous mode operation, the minimum on-time limit imposes a minimum
duty cycle of
DC(MIN) = fSW • tON(MIN)
where tON(MIN) is the minimum on-time. Reducing the operating frequency alleviates the minimum duty cycle
constraint.
In the rare cases where the minimum duty cycle is surpassed, the output voltage remains in regulation and the
switching frequency decreases from its programmed value. This is an acceptable result in many applications. So,
this constraint may not be of critical importance in most cases. High switching frequencies may be used in the design
without any fear of output overvoltage. As the sections on inductors and capacitor selection show, high switching
frequencies allow the use of smaller board components, thus reducing the size of the application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com