Electronic Components Datasheet Search
  English  ▼

X  

MMBT200. Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMBT200.
Description  PNP General-Purpose Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT200. Datasheet(HTML) 4 Page - ON Semiconductor

  MMBT200. Datasheet HTML 1Page - ON Semiconductor MMBT200. Datasheet HTML 2Page - ON Semiconductor MMBT200. Datasheet HTML 3Page - ON Semiconductor MMBT200. Datasheet HTML 4Page - ON Semiconductor MMBT200. Datasheet HTML 5Page - ON Semiconductor MMBT200. Datasheet HTML 6Page - ON Semiconductor MMBT200. Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Typical Performance Characteristics (Continued)
Figure 9. Collector Saturation Region
Figure 10. Input and Output Capacitance vs.
Reverse Voltage
Figure 11. Gain Bandwidth Product vs.
Collector Current
Figure 12. Switching Times vs. Collector Current
Figure 13. Power Dissipation vs.
Ambient Temperature
β
100
300
700
2000 4000
0
1
2
3
4
I - BASE CURRENT (uA)
B
50 mA
300 mA
100 uA
Ta = 25°C
Ic =
β
0.1
1
10
100
10
100
V
- COLLECTOR VOLTAGE (V)
Cib
Cob
f = 1.0 MHz
CE
β
110
20
50
100 150
0
10
20
30
40
I - COLLECTOR CURRENT (mA)
C
V
= 5V
ce
β
10
20
30
50
100
200 300
0
30
60
90
120
150
180
210
240
270
300
I - COLLECTOR CURRENT (mA)
IB1 = IB2 = Ic / 10
V
= 10 V
C
cc
t s
t d
t f
t r
β
0
25
50
75
100
125
150
0
100
200
300
400
500
600
700
TEMPER ATURE ( C)
°
TO-92
SOT-23
www.onsemi.com
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com