Electronic Components Datasheet Search
  English  ▼

X  

MMBT200. Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBT200.
Description  PNP General-Purpose Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT200. Datasheet(HTML) 2 Page - ON Semiconductor

  MMBT200. Datasheet HTML 1Page - ON Semiconductor MMBT200. Datasheet HTML 2Page - ON Semiconductor MMBT200. Datasheet HTML 3Page - ON Semiconductor MMBT200. Datasheet HTML 4Page - ON Semiconductor MMBT200. Datasheet HTML 5Page - ON Semiconductor MMBT200. Datasheet HTML 6Page - ON Semiconductor MMBT200. Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Thermal Characteristics
Values are at TA = 25°C unless otherwise noted.
Notes:
3. PCB size: FR-4 76 x 114 x 1.57 mm3 (3.0 inch x 4.5 inch x 0.062 inch) with minimum land pattern size.
4. Device mounted on FR-4 PCB 1.6 inch X 1.6 inch X 0.06 inch.
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Note:
5. Pulse test: pulse width
≤ 300 μs, duty cycle ≤ 2.0%.
Symbol
Parameter
Max.
Unit
PN200A(3)
MMBT200(4)
PD
Total Device Dissipation
625
350
mW
Derate Above 25
°C5.0
2.8
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
357
°C/W
Symbol
Parameter
Conditions
Min.
Max.
Unit
Off Characteristics
BVCBO
Collector-Base Breakdown Voltage IC = -10 μA, IB = 0
-60
V
BVCEO
Collector-Emitter Breakdown
Voltage(5)
IC = -1.0 mA, IE = 0
-45
V
BVEBO
Emitter-Base Breakdown Voltage
IE = -10 μA, IC = 0
-6.0
V
ICBO
Collector Cut-Off Current
VCB = -50 V, IE = 0
-50
nA
ICES
Collector Cut-Off Current
VCE = -40 V, IE = 0
-50
nA
IEBO
Emitter Cut-Off Current
VEB = -4.0 V, IC = 0
-50
nA
On Characteristics
hFE
DC Current Gain
IC = -100 μA,
VCE = -1.0 V
MMBT200
80
PN200A
240
IC = -10 mA,
VCE = -1.0 V
MMBT200
100
450
PN200A
300
600
IC = -100 mA,
VCE = -1.0 V
(5)
PN200A
100
IC = -150 mA,
VCE = -5.0 V
(5)
MMBT200
100
350
PN200A
100
VCE(sat)
Collector-Emitter Saturation
Voltage
IC = -10 mA, IB = -1.0 mA
-0.2
V
IC = -200 mA, IB = -20 mA
(5)
-0.4
VBE(sat)
Base-Emitter Saturation
Voltage
IC = -10 mA, IB = -1.0 mA
-0.85
V
IC = -200 mA, IB = -20 mA
(5)
-1.00
Small Signal Characteristics
fT
Current Gain - Bandwidth Product
VCE = -20 V, IC = -20 mA,
250
MHz
Cob
Output Capacitance
VCB = -10 V, f = -1.0 MHz
6.0
pF
NF
Noise Figure
IC = -100 μA, VCE = -5.0 V,
RG = 2.0 kΩ, f = 1.0 kHz
4.0
dB
www.onsemi.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com