Electronic Components Datasheet Search
  English  ▼

X  

MMBT200. Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBT200.
Description  PNP General-Purpose Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT200. Datasheet(HTML) 1 Page - ON Semiconductor

  MMBT200. Datasheet HTML 1Page - ON Semiconductor MMBT200. Datasheet HTML 2Page - ON Semiconductor MMBT200. Datasheet HTML 3Page - ON Semiconductor MMBT200. Datasheet HTML 4Page - ON Semiconductor MMBT200. Datasheet HTML 5Page - ON Semiconductor MMBT200. Datasheet HTML 6Page - ON Semiconductor MMBT200. Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Publication Order Number:
PN200A/D
© 1997
Semiconductor Components Industries, LLC.
October-2017, Rev. 2
PN200A / MMBT200
PNP General-Purpose Amplifier
Ordering Information
Absolute Maximum Ratings(1),(2)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Notes:
1. These ratings are based on a maximum junction temperature of 150°C.
2. These are steady-state limits. ON Semiconductor should be consulted on applications involving pulsed or low-
duty cycle operations.
Figure 1. PN200A Device Package
Figure 2. MMBT200 Device Package
Part Number
Marking
Package
Packing Method
PN200A
PN200A
TO-92 3L
Bulk
MMBT200
N2
SOT-23 3L
Tape and Reel
Symbol
Parameter
Value
Unit
VCEO
Collector-Emitter Voltage
-45
V
VCBO
Collector-Base Voltage
-60
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current - Continuous
-500
mA
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
EB C
TO-92
C
B
E
SOT-23
Description
This device is designed for general-purpose amplifier
applications at collector currents to 300 mA. Sourced
from Process 68.


Similar Part No. - MMBT200.

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBT200 FAIRCHILD-MMBT200 Datasheet
51Kb / 4P
PNP General Purpose Amplifier
MMBT200 FAIRCHILD-MMBT200 Datasheet
491Kb / 12P
PNP General Purpose Amplifier
MMBT200 FAIRCHILD-MMBT200 Datasheet
883Kb / 12P
PNP General Purpose Amplifier
MMBT200A FAIRCHILD-MMBT200A Datasheet
51Kb / 4P
PNP General Purpose Amplifier
MMBT200A FAIRCHILD-MMBT200A Datasheet
491Kb / 12P
PNP General Purpose Amplifier
More results

Similar Description - MMBT200.

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
PNP General Purpose Amplifier
2N4403 FAIRCHILD-2N4403 Datasheet
42Kb / 7P
PNP General Purpose Amplifier
BC212L FAIRCHILD-BC212L Datasheet
313Kb / 7P
PNP General Purpose Amplifier
BSR16 FAIRCHILD-BSR16 Datasheet
47Kb / 4P
PNP General Purpose Amplifier
BSR18A FAIRCHILD-BSR18A Datasheet
74Kb / 6P
PNP General Purpose Amplifier
FSB6726 FAIRCHILD-FSB6726 Datasheet
23Kb / 3P
PNP General Purpose Amplifier
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com