Electronic Components Datasheet Search
  English  ▼

X  

IS43TR16640C Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS43TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43TR16640C Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS43TR16640C Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS43TR16640C Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43TR16640C Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43TR16640C Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43TR16640C Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43TR16640C Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43TR16640C Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43TR16640C Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43TR16640C Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
3
Rev. E
12/27/2024
1.3 Pinout Description - JEDEC Standard
Symbol
Type
Function
CK, CK#
Input
Clock: CK and CK# are differential clock inputs. All address and control input signals are
sampled on the crossing of the positive edge of CK and negative edge of CK#.
CKE
Input
Clock Enable: CKE HIGH activates, and CKE Low deactivates, internal clock signals and
device input buffers and output drivers. Taking CKE Low provides Precharge Power-Down and
Self-Refresh operation (all banks idle), or Active Power-Down (row Active in any bank). CKE is
asynchronous for Self-Refresh exit. After VREFCA and VREFDQ have become stable during
the power on and initialization sequence, they must be maintained during all operations
(including Self-Refresh). CKE must be maintained high throughout read and write accesses.
Input buffers, excluding CK, CK#, ODT and CKE, are disabled during power-down. Input
buffers, excluding CKE, are disabled during Self-Refresh.
CS#
Input
Chip Select: All commands are masked when CS# is registered HIGH. CS# provides for
external Rank selection on systems with multiple Ranks. CS# is considered part of the
command code.
ODT
Input
On Die Termination: ODT (registered HIGH) enables termination resistance internal to the
DDR3 SDRAM. When enabled, ODT is only applied to each DQ, DQSU, DQSU#, DQSL,
DQSL#, DMU, and DML signal. The ODT pin will be ignored if MR1 and MR2 are programmed
to disable RTT.
RAS#. CAS#.
WE#
Input
Command Inputs: RAS#, CAS# and WE# (along with CS#) define the command being entered.
DM, (DMU),
(DML)
Input
Input Data Mask: DM is an input mask signal for write data. Input data is masked when DM is
sampled HIGH coincident with that input data during a Write access. DM is sampled on both
edges of DQS. For x8 device, the function of DM or TDQS/TDQS# is enabled by Mode
Register A11 setting in MR1.
BA0 - BA2
Input
Bank Address Inputs: BA0 - BA2 define to which bank an Active, Read, Write, or Precharge
command is being applied. Bank address also determines which mode register is to be
accessed during a MRS cycle.
A0 - A13
Input
Address Inputs: Provide the row address for Active commands and the column address for
Read/ Write commands to select one location out of the memory array in the respective bank.
(A10/AP and A12/BC# have additional functions; see below). The address inputs also provide
the op-code during Mode Register Set commands.
A10 / AP
Input
Auto-precharge: A10 is sampled during Read/Write commands to determine whether
Autoprecharge should be performed to the accessed bank after the Read/Write operation.
(HIGH: Autoprecharge; LOW: no Autoprecharge). A10 is sampled during a Precharge
command to determine whether the Precharge applies to one bank (A10 LOW) or all banks
(A10 HIGH). If only one bank is to be precharged, the bank is selected by bank addresses.
A12 / BC#
Input
Burst Chop: A12 / BC# is sampled during Read and Write commands to determine if burst chop
(on-the-fly) will be performed. (HIGH, no burst chop; LOW: burst chopped). See command truth
table for details.
RESET#
Input
Active Low Asynchronous Reset: Reset is active when RESET# is LOW, and inactive when
RESET# is HIGH. RESET# must be HIGH during normal operation. RESET# is a CMOS rail-
to-rail signal with DC high and low at 80% and 20% of VDD, i.e., 1.20V for DC high and 0.30V
for DC low.
DQ(DQL, DQU)
Input /
Output
Data Input/ Output: Bi-directional data bus.
DQS,
DQS#, DQSU,
DQSU#, DQSL,
DQSL#
Input /
Output
Data Strobe: output with read data, input with write data. Edge-aligned with read data, centered
in write data. For the x16, DQSL corresponds to the data on DQL0-DQL7; DQSU corresponds
to the data on DQU0-DQU7. The data strobes DQS, DQSL, and DQSU are paired with
differential signals DQS#, DQSL#, and DQSU#, respectively, to provide differential pair
signaling to the system during reads and writes. DDR3 SDRAM supports differential data
strobe only and does not support single-ended.
TDQS, TDQS#
Output
Termination Data Strobe: TDQS/TDQS# is applicable for x8 DRAMs only. When enabled via
Mode Register A11 = 1 in MR1, the DRAM will enable the same termination resistance function
on TDQS/TDQS# that is applied to DQS/DQS#. When disabled via mode register A11 = 0 in
MR1, DM/TDQS will provide the data mask function and TDQS# is not used. x16 DRAMs must
disable the TDQS function via mode register A11 = 0 in MR1.
NC
No Connect: No internal electrical connection is present.
VDDQ
Supply
DQ Power Supply: 1.5 V +/- 0.075 V for standard voltage or 1.35V +0.1V, -0.067V for low
voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com