Electronic Components Datasheet Search
  English  ▼

X  

IS43TR16640C Datasheet(PDF) 72 Page - Integrated Silicon Solution, Inc

Part # IS43TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43TR16640C Datasheet(HTML) 72 Page - Integrated Silicon Solution, Inc

Back Button IS43TR16640C Datasheet HTML 68Page - Integrated Silicon Solution, Inc IS43TR16640C Datasheet HTML 69Page - Integrated Silicon Solution, Inc IS43TR16640C Datasheet HTML 70Page - Integrated Silicon Solution, Inc IS43TR16640C Datasheet HTML 71Page - Integrated Silicon Solution, Inc IS43TR16640C Datasheet HTML 72Page - Integrated Silicon Solution, Inc IS43TR16640C Datasheet HTML 73Page - Integrated Silicon Solution, Inc IS43TR16640C Datasheet HTML 74Page - Integrated Silicon Solution, Inc IS43TR16640C Datasheet HTML 75Page - Integrated Silicon Solution, Inc IS43TR16640C Datasheet HTML 76Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
72
Rev. E
12/27/2024
27. The tIS(base) AC150 specifications are adjusted from the tIS(base) specification by adding an additional 100ps of
derating to accommodate for the lower altemate threshold of 150mV and another 25ps to account for the earlier
reference point [(175mV - 150mV) / 1V/ns].
28. Pulse width of a input signal is defined as the width between the first crossing of Vref(dc) and the consecutive
crossing of Vref(dc).
29. tDQSL describes the instantaneous differential input low pulse width on DQS - DQS#, as measured from one falling
edge to the next consecutive rising edge.
30. tDQSH describes the instantaneous differential input high pulse width on DQS - DQS#, as measured from one rising
edge to the next consecutive falling edge.
31. tDQSH,act + tDQSL,act = 1 tCK,act ; with tXYZ,act being the actual measured value of the respective timing
parameter in the application.
32. tDSH,act + tDSS,act = 1 tCK,act ; with tXYZ,act being the actual measured value of the respective timing parameter
in the application.
33. The tRAS(min) is required in order to complete the internal Precharge during a Read or Write with Auto Precharge.
34. During DLL off (Disable), tWR(min) is the greater of 4nCK or 15ns.
35. For DLL off (Disable)
a. Any Auto Refresh Command must have at least one NOP Command before the next Auto Refresh.
b. If tCK < 40ns, any Auto Refresh Command must be followed by a Precharge All Command.
c. For 85⁰C < tCASE ≤ 95⁰C, tCK(max) = 3.9µs. DLL off is not specified for tCASE > 95⁰C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com