Electronic Components Datasheet Search
  English  ▼

X  

LM5146 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM5146
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5146 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5146 Datasheet HTML 17Page - Texas Instruments LM5146 Datasheet HTML 18Page - Texas Instruments LM5146 Datasheet HTML 19Page - Texas Instruments LM5146 Datasheet HTML 20Page - Texas Instruments LM5146 Datasheet HTML 21Page - Texas Instruments LM5146 Datasheet HTML 22Page - Texas Instruments LM5146 Datasheet HTML 23Page - Texas Instruments LM5146 Datasheet HTML 24Page - Texas Instruments LM5146 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
A 12Ω internal resistor connects VDDA to VCC. Bypass VDDA to AGND with a 1µF ceramic capacitor to achieve
a low-noise internal bias rail.
If the BIAS1/VOUT1 voltage is above 4.3V, BIAS1/VOUT1 internally connects to a second input of the VCC
regulator. This action helps to reduce the internal power dissipation of the LM25137, as bias current derives from
VOUT1 instead of VIN. Avoid connecting BIAS1/VOUT1 or VOUT2 to a voltage greater than 36V or less than
–0.3V.
7.3.3 Precision Enable (EN1, EN2)
The LM25137 has a precision enable circuit on each EN input. When the EN1 or EN2 voltage is greater than
1V, switching is enabled on the respective channel. If EN1 and EN2 are pulled below 0.5V, the LM25137 is in
shutdown with an IQ of 3.6μA (typical) current consumption from VIN. When the EN1 or EN2 voltage is between
0.6V and 1V, the LM25137 is in standby mode with the VCC regulator active but the controller is not switching.
The input quiescent current in standby mode is 260μA typical.
Enable the LM25137 with a EN1/2 voltage greater than 1V. However, many applications benefit from using a
resistor divider RUV1 and RUV2, as shown in Figure 7-2, to establish a precision UVLO level. Add RUV3 in series
to provide additional voltage hysteresis. Avoid leaving the EN1 and EN2 pins floating. Keep the EN1/2 voltage
under 42V.
Use Equation 1 to calculate the UVLO resistors, where VIN(on) and VIN(off) are the required input voltage turn-on
and turn-off thresholds.
(1)
EN1/2
1V
RUV2
RUV1
+
Precision enable
comparator
10µA
VDDA
VIN
0.95V
RUV3
Disable signal
from MCU
Figure 7-2. Programmable Input Voltage UVLO Turn-On, Turn-Off
7.3.4 Switching Frequency (RT)
Program the LM25137 oscillator with a resistor from RT to AGND to set the free-running switching frequency
between 100kHz and 2.2MHz. Use Equation 2 to calculate the RT resistance for a given switching frequency.
www.ti.com
LM25137
SNVSCU4 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com