Electronic Components Datasheet Search
  English  ▼

X  

LM5146 Datasheet(PDF) 40 Page - Texas Instruments

Part # LM5146
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5146 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LM5146 Datasheet HTML 36Page - Texas Instruments LM5146 Datasheet HTML 37Page - Texas Instruments LM5146 Datasheet HTML 38Page - Texas Instruments LM5146 Datasheet HTML 39Page - Texas Instruments LM5146 Datasheet HTML 40Page - Texas Instruments LM5146 Datasheet HTML 41Page - Texas Instruments LM5146 Datasheet HTML 42Page - Texas Instruments LM5146 Datasheet HTML 43Page - Texas Instruments LM5146 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 73 page
background image
8.2.1.1 Design Requirements
Table 8-2 shows the intended input, output, and performance parameters for this circuit example.
Table 8-2. Design Parameters
DESIGN PARAMETER
VALUE
Input voltage range (steady state)
6.5V to 36V, nominal 13.5V
Minimum transient input voltage
4.5V
Maximum transient input voltage
36V
Output voltages
5V, 3.3V
Output currents (EDC) (1)
20A
Output currents (TDC) (1)
15A
Switching frequency
440kHz
Target efficiency at 5V, 15A
96%
Target efficiency at 3.3V, 15A
94.5%
Output voltage regulation
±1%
Loop crossover frequency
60kHz
Phase margin
> 45°
No-load sleep current, channel 2 disabled
< 20µA
Shutdown current
4µA
(1)
EDC and TDC refer to electrical and thermal design currents, respectively.
Resistor RRT sets the switching frequency at 440kHz. In terms of control loop performance, the target loop
crossover frequency is set in the range of 10% to 15% of switching frequency – 60kHz in this example – with a
target phase margin greater than 45°. Connecting a resistance of 20kΩ at RSS sets the output voltage soft-start
times to 4.6ms.
Table 8-3 cites the selected buck regulator powertrain components, with many of the components available from
multiple vendors. Power MOSFETs describes selection of power MOSFETs for lowest conduction and switching
power loss. This application circuit uses 40V logic-level power MOSFETs, metal-alloy buck inductors with low
DCR, low-ESL shunts, and ceramic input and output capacitors.
Table 8-3. List of Materials for Application Circuit 1
REFERENCE
DESIGNATOR
QTY
SPECIFICATION (1)
MANUFACTURER
PART NUMBER
CIN1, CIN2
8
10µF, 50V, X7R, 1210, ceramic
TDK
CNA6P1X7R1H106K
10µF, 50V, X7S, 1210, ceramic
Murata
GCM32EC71H106K
TDK
CGA6P3X7S1H106K
COUT1, COUT2
8
47µF, 10V, X7S, 1210, ceramic
TDK
CNA6P1X7S1A476M
Murata
GCM32EC71A476K
LO1, LO2
2
1µH, 2.3mΩ, 37A, 10.85 × 10 × 5.2mm
Cyntec
VCHA105D-1R0MS6
1µH, 2.3mΩ, 37A, 11 × 10 × 5.1mm
Bourns
SRP1050WA-1R0M
1µH, 2.1mΩ, 24A, 10.8 × 10 × 5mm
Eaton
HCM1A1105V2-1R0-R
1µH, 2.7mΩ, 33.8A, 10.85 × 10 × 3.8mm
Würth Electronik
784373680010
1µH, 2.4mΩ, 36.6A, 10.5 × 10 × 6.5mm
TDK
SPM10065VT-1R0M-D
Q1, Q3
2
40V, 3.6mΩ, 9nC, SON 5 × 6
Infineon
IAUCN04S7L028ATMA1
Q2, Q4
2
40V, 2.4mΩ, 15nC, SON 5 × 6
Infineon
IAUCN04S7L019ATMA1
RS1, RS2
2
Shunt, 2mΩ ±2%, ±100ppm/°C, 1225, 3W
Susumu
KRL6432E-M-R002-G
U1
1
LM25137 42V dual-output synchronous buck controller
Texas Instruments
LM25137RHAR
(1)
See the Third-Party Products Disclaimer.
LM25137
SNVSCU4 – OCTOBER 2025
www.ti.com
40
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com