Electronic Components Datasheet Search
  English  ▼

X  

LM5146 Datasheet(PDF) 39 Page - Texas Instruments

Part # LM5146
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5146 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM5146 Datasheet HTML 35Page - Texas Instruments LM5146 Datasheet HTML 36Page - Texas Instruments LM5146 Datasheet HTML 37Page - Texas Instruments LM5146 Datasheet HTML 38Page - Texas Instruments LM5146 Datasheet HTML 39Page - Texas Instruments LM5146 Datasheet HTML 40Page - Texas Instruments LM5146 Datasheet HTML 41Page - Texas Instruments LM5146 Datasheet HTML 42Page - Texas Instruments LM5146 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
8.2 Typical Applications
Note
For step-by-step design procedure, circuit schematics, bill of materials, PCB files, simulation and test
results of an LM25137-powered implementation, see the TI Designs reference design library.
8.2.1 Design 1 – Dual 5V and 3.3V, 20A Buck Regulator for 12V Input Applications
Figure 8-4 shows the schematic diagram of a dual-output synchronous buck regulator with output voltage
setpoints of 5V and 3.3V and a rated load current of 20A for each output. In this example, the target half-load
and full-load efficiencies are 96% and 94%, respectively, based on a nominal input voltage of 13.5V that ranges
from 6.5V to 36V. The switching frequency is set at 440kHz by resistor RRT. The 5V output provides bias power
to reduce IC power dissipation and improve efficiency.
RT
RSS
PFM/SYNC
AGND
COMP2
VOUT2
ISNS2+
LO2
SW2
HO2
CBOOT2
VIN
COMP1
BIAS1/VOUT1
ISNS1+
LO1
SW1
HO1
CBOOT1
VCC
FB1
FB2
VDDA
SYNCOUT
CFNG
EN1
EN2
PG2
PG1
VIN = 6.5V...36V
VOUT1 = 5V
IOUT1 = 20A
* VOUT1 tracks VIN if VIN < 5V
LO1
COUT2
CIN1
CVDDA
LO2
COUT1
RS2
RS1
Q2
Q1
RSS
RRT
RCNFG
Q4
Q3
CVCC
CBOOT1
CBOOT2
LM25137
VOUT2 = 3.3V
IOUT2 = 20A
4
10 F
4
10nF
2m
1 H
4.7 F
0.1 F
0.1 F
5
47 F
5
47 F
2m
1 H
68pF
3.3nF
68pF
7.5k
3.3nF
10k
1 F
52.3k
10k
20k
CIN2
4
10 F
4
10nF
CHF2
RCOMP2
CCOMP2
CHF1
RCOMP1
CCOMP1
VDDA
RFB1
24.9k
VDDA
RFB2
7.5k
Figure 8-4. Application Circuit 1 Using The LM25137 Buck Controller at 440kHz
Note
This and subsequent circuit examples are provided herein to showcase the LM25137 controller in
several different applications. Depending on the source impedance of the input supply, connect an
input electrolytic capacitor to make sure of stability, particularly at low input voltage and high power
operating conditions. See also Section 8.3.
www.ti.com
LM25137
SNVSCU4 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com